Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ5A18 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZ5A18
Description  500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ5A18 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZ5A18 Datasheet HTML 1Page - Solid States Devices, Inc SZ5A18 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES: 1/ All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on
the measured value due to heating effects.
2/
For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
3/
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current.
4/
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels.
5/
Screened to MIL-PRF-19500.
6/ Suffix “L” for Axial, “SM” for Round Tab Surface Mount, and “SMS” for Square Tab Surface Mount
.
Data Sheet Z00002B
Solid State Devices, Inc.
SZ5A2.4 thru SZ5A200
Electrical Characteristics @ 25°C (Unless Otherwise Specified)
Max. Continuous Current
PART
NUMBER 6/
Nominal
Zener
Voltage 1/
Zener
Test
Current
Maximum
Zener
Impedance 3/
Maximum Reverse
Leakage Current
Typical
Temperature
Coefficient
Axial
Surface Mount
Voltage Tolerance
VZ @ IZT
IZT
ZZ @ IZT ZZK@IZK
IR @ VR
VR- 10%
VR- 5%
TC @ IZT
IZM
IZM
10%
5%
Volts
mA
Ohms
μA
Volts
Volts
%/ ºC
mA
mA
SZ5A2.4
SZ5A2.5
SZ5A2.7
SZ5A2.8
SZ5A3
SZ5B2.4
SZ5B2.5
SZ5B2.7
SZ5B2.8
SZ5B3
2.4
2.5
2.7
2.8
3
20
20
20
20
20
30
30
30
30
29
1200
1250
1300
1400
1600
100
100
75
75
50
0.95
0.95
0.95
0.95
0.95
1
1
1
1
1
-0.085
-0.085
-0.080
-0.080
-0.075
198
182
168
162
152
297
273
252
243
228
SZ5A3.3
SZ5A3.6
SZ5A3.9
SZ5A4.3
SZ5A4.7
SZ5B3.3
SZ5B3.6
SZ5B3.9
SZ5B4.3
SZ5B4.7
3.3
3.6
3.9
4.3
4.7
20
20
20
20
20
28
24
23
22
19
1600
1700
1900
2000
1900
25
15
10
5
5
0.95
0.95
0.95
0.95
1.9
1
1
1
1
2
-0.070
-0.065
-0.060
+0.055
+0.030
138
126
117
106
97
207
189
175.5
159.0
145.5
SZ5A5.1
SZ5A5.6
SZ5A6
SZ5A6.2
SZ5A6.8
SZ5B5.1
SZ5B5.6
SZ5B6
SZ5B6.2
SZ5B6.8
5.1
5.6
6.0
6.2
6.8
20
20
20
20
20
17
11
7
7
5
1600
1600
1600
1000
750
5
5
5
5
3
1.9
2.9
3.3
3.8
4.8
2
3
3.5
4
5
+0.030
+0.038
+0.038
+0.045
+0.050
89
81
76
73
67
133.5
121.5
114.0
109.5
100.5
SZ5A7.5
SZ5A8.2
SZ5A8.7
SZ5A9.1
SZ5A10
SZ5B7.5
SZ5B8.2
SZ5B8.7
SZ5B9.1
SZ5B10
7.5
8.2
8.7
9.1
10
20
20
20
20
20
6
8
8
10
17
500
500
600
600
600
3
3
3
3
3
5.7
6.2
6.2
6.7
7.6
6
6.5
6.5
7
8
+0.058
+0.062
+0.065
+0.068
+0.075
61
55
52
50
45
91.5
82.5
78.0
75.0
67.5
SZ5A11
SZ5A12
SZ5A13
SZ5A14
SZ5A15
SZ5B11
SZ5B12
SZ5B13
SZ5B14
SZ5B15
11
12
13
14
15
20
20
9.5
9.0
8.5
22
30
13
15
16
600
600
600
600
600
2
1
0.5
0.1
0.1
8.0
8.7
9.4
9.5
10.5
8.4
9.1
9.9
10
11
+0.076
+0.077
+0.079
+0.082
+0.082
41
38
35
32
30
61.5
57.0
52.5
48.0
45.0
SZ5A16
SZ5A17
SZ5A18
SZ5A19
SZ5A20
SZ5B16
SZ5B17
SZ5B18
SZ5B19
SZ5B20
16
17
18
19
20
7.8
7.4
7.0
6.6
6.2
17
19
21
23
25
600
600
600
600
600
0.1
0.1
0.1
0.1
0.1
11.4
12.4
13.3
13.3
14.3
12
13
14
14
15
+0.083
+0.084
+0.085
+0.086
+0.086
28
27
25
24
23
42.0
40.5
37.5
36.0
34.5
SZ5A22
SZ5A24
SZ5A25
SZ5A27
SZ5A28
SZ5B22
SZ5B24
SZ5B25
SZ5B27
SZ5B28
22
24
25
27
28
5.6
5.2
5.0
4.6
4.5
29
33
35
41
44
600
600
600
600
600
0.1
0.1
0.1
0.1
0.1
16.2
17.1
18.1
20
20
17
18
19
21
21
+0.087
+0.088
+0.089
+0.090
+0.091
21
19
18
17
16
31.5
28.5
27.0
25.5
24.0
SZ5A30
SZ5A33
SZ5A36
SZ5A39
SZ5A43
SZ5B30
SZ5B33
SZ5B36
SZ5B39
SZ5B43
30
33
36
39
43
4.2
3.8
3.4
3.2
3.0
49
58
70
80
93
600
700
700
800
900
0.1
0.1
0.1
0.1
0.1
22
24
26
29
31
23
25
27
30
33
+0.091
+0.092
+0.093
+0.094
+0.095
15
14
13
12
10.6
22.5
21.0
19.5
18.0
15.9
SZ5A47
SZ5A51
SZ5A56
SZ5A60
SZ5A62
SZ5B47
SZ5B51
SZ5B56
SZ5B60
SZ5B62
47
51
56
60
62
2.7
2.5
2.2
2.1
2.0
105
125
150
170
185
1000
1100
1300
1400
1400
0.1
0.1
0.1
0.1
0.1
34
37
41
44
45
36
39
43
46
47
+0.095
+0.096
+0.096
+0.097
+0.097
9.7
8.9
8.1
7.6
7.3
14.55
13.35
12.15
11.40
10.95
SZ5A68
SZ5A75
SZ5A82
SZ5A87
SZ5A91
SZ5B68
SZ5B75
SZ5B82
SZ5B87
SZ5B91
68
75
82
87
91
1.8
1.7
1.5
1.4
1.4
230
270
330
370
400
1600
1700
2000
2200
2300
0.1
0.1
0.1
0.1
0.1
49
53
59
65
66
52
56
62
68
69
+0.097
+0.098
+0.098
+0.099
+0.099
6.7
6.1
5.5
5.2
5.0
10.05
9.15
8.25
7.80
7.50
SZ5A100
SZ5A110
SZ5A120
SZ5A130
SZ5A140
SZ5B100
SZ5B110
SZ5B120
SZ5B130
SZ5B140
100
110
120
130
140
1.3
1.1
1.0
0.95
0.90
500
750
900
1100
1300
2600
3000
4000
4500
4500
0.1
0.1
0.1
0.1
0.1
72
80
86
94
101
76
84
91
99
106
+0.110
+0.110
+0.110
+0.110
+0.110
4.5
4.1
3.8
3.5
3.2
6.75
6.15
5.70
5.25
4.80
SZ5A150
SZ5A160
SZ5A170
SZ5A180
SZ5A190
SZ5A200
SZ5B150
SZ5B160
SZ5B170
SZ5B180
SZ5B190
SZ5B200
150
160
170
180
190
200
0.85
0.80
0.74
0.68
0.66
0.65
1500
1700
1900
2200
2400
2500
5000
5500
5500
6000
6500
7000
0.1
0.1
0.1
0.1
0.1
0.1
108
116
116
130
137
144
114
122
129
137
144
152
+0.110
+0.110
+0.110
+0.110
+0.110
+0.110
3.0
2.8
2.7
2.5
2.4
2.2
4.50
4.20
4.05
3.75
3.60
3.30


Similar Part No. - SZ5A18

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ5A2.4 SSDI-SZ5A2.4 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
More results

Similar Description - SZ5A18

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N5221 GOOD-ARK-1N5221_15 Datasheet
115Kb / 3P
   Zener Diodes Zener Voltage Range: 2.4 to 200 Volts Power Dissipation: 500mW
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
New Jersey Semi-Conduct...
1N5221A NJSEMI-1N5221A Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Micro Commercial Compon...
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
Shanghai Lunsure Electr...
DL5221 CHENYI-DL5221 Datasheet
858Kb / 2P
   500mw zener diode 2.4 to 47 volts
logo
SUNMATE electronic Co.,...
BZD27C3V6P SUNMATE-BZD27C3V6P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com