Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIM5053-35SL Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TIM5053-35SL
Description  MICROWAVE POWER GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TIM5053-35SL Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TIM5053-35SL Datasheet HTML 1Page - Toshiba Semiconductor TIM5053-35SL Datasheet HTML 2Page - Toshiba Semiconductor TIM5053-35SL Datasheet HTML 3Page - Toshiba Semiconductor TIM5053-35SL Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
TIM5053-35SL
IM3 vs. Output Power Characteristics
VDS=10V
IDS
≅ 8 A
freq.=5.3GHz
∆f=5MHz
Pout(dBm) @Single carrier level
-10
-20
-30
-40
-50
-60
0
20
40
60
80
100
120
0
40
80
120
160
200
Power Dissipation vs. Case Temperature
Tc(
°C)
30
32
34
36
38
40


Similar Part No. - TIM5053-35SL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM5053-16SL TOSHIBA-TIM5053-16SL Datasheet
135Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-4SL TOSHIBA-TIM5053-4SL Datasheet
384Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-8SL TOSHIBA-TIM5053-8SL Datasheet
144Kb / 4P
   MICROWAVE POWER GaAs FET
More results

Similar Description - TIM5053-35SL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S8850A TOSHIBA-S8850A Datasheet
155Kb / 4P
   MICROWAVE POWER GAAS FET
TIM1011-2L TOSHIBA-TIM1011-2L Datasheet
144Kb / 5P
   MICROWAVE POWER GaAs FET
TIM1112-8 TOSHIBA-TIM1112-8 Datasheet
111Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-4SL TOSHIBA-TIM5053-4SL Datasheet
384Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-16UL TOSHIBA-TIM5359-16UL Datasheet
383Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-60SL TOSHIBA-TIM5359-60SL Datasheet
159Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-8SL TOSHIBA-TIM5053-8SL Datasheet
144Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-4-252 TOSHIBA-TIM1414-4-252 Datasheet
258Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-8 TOSHIBA-TIM1414-8 Datasheet
184Kb / 4P
   MICROWAVE POWER GaAs FET
TIM0910-10 TOSHIBA-TIM0910-10 Datasheet
112Kb / 4P
   MICROWAVE POWER GaAs FET
S8851 TOSHIBA-S8851 Datasheet
162Kb / 5P
   MICROWAVE POWER GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com