Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN28846DW Datasheet(PDF) 10 Page - Texas Instruments

Part # SN28846DW
Description  786-488-PIXEL CCD IMAGE SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28846DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN28846DW Datasheet HTML 6Page - Texas Instruments SN28846DW Datasheet HTML 7Page - Texas Instruments SN28846DW Datasheet HTML 8Page - Texas Instruments SN28846DW Datasheet HTML 9Page - Texas Instruments SN28846DW Datasheet HTML 10Page - Texas Instruments SN28846DW Datasheet HTML 11Page - Texas Instruments SN28846DW Datasheet HTML 12Page - Texas Instruments SN28846DW Datasheet HTML 13Page - Texas Instruments SN28846DW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TC244A
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS056 – JUNE 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC: ADB, CDB, IDB (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: ABG, IAG, SAG, SRG, TRG
–15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–10
°C to 45°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, TSTG
–30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the substrate terminal.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
ADB
11
12
13
V
Substrate bias voltage
0
V
High level
1.5
2
2.5
IAG
Intermediate level§
– 5.7
Low level
–11
–9
SRG1 SRG2 SRG3
High level
1.5
2
2.5
SRG1, SRG2, SRG3
Low level
–11
–9
Input voltage V ‡
High level
2
4
6
V
Input voltage, VI‡
ABG
Intermediate level§
– 2.3
V
Low level
–7.5
–7
– 6.5
SAG
High level
1.5
2
2.5
SAG
Low level
–11
–9
TRG
High level
1.5
2
2.5
TRG
Low level
–11
–9
IAG, SAG
3.58
Clock frequency, fclock
SRG1, SRG2, SRG3, TRG
4.77
MHz
ABG
2
Load capacitance
OUT1 (R), OUT2 (G), OUT3 (B)
6
pF
Operating free-air temperature, TA
–10
45
°C
‡ The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for clock voltage
levels.
§ Adjustment is required for optimal performance.


Similar Part No. - SN28846DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28846DW TI-SN28846DW Datasheet
121Kb / 9P
[Old version datasheet]   SERIAL DRIVER
SN28846DW TI-SN28846DW Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
More results

Similar Description - SN28846DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
TC244 TI1-TC244 Datasheet
312Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC240 TI1-TC240 Datasheet
302Kb / 19P
[Old version datasheet]   780- 횞 488-PIXEL CCD IMAGE SENSOR
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
TC241 TI-TC241 Datasheet
282Kb / 18P
[Old version datasheet]   780- 횞 488-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
[Old version datasheet]   735- 횞 580-PIXEL CCD IMAGE SENSOR
TC211 TI-TC211 Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com