Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8855 Datasheet(PDF) 64 Page - Asahi Kasei Microsystems

Part # AK8855
Description  NTSC/PAL Digital Video Decoder
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8855 Datasheet(HTML) 64 Page - Asahi Kasei Microsystems

Back Button AK8855 Datasheet HTML 60Page - Asahi Kasei Microsystems AK8855 Datasheet HTML 61Page - Asahi Kasei Microsystems AK8855 Datasheet HTML 62Page - Asahi Kasei Microsystems AK8855 Datasheet HTML 63Page - Asahi Kasei Microsystems AK8855 Datasheet HTML 64Page - Asahi Kasei Microsystems AK8855 Datasheet HTML 65Page - Asahi Kasei Microsystems AK8855 Datasheet HTML 66Page - Asahi Kasei Microsystems AK8855 Datasheet HTML 67Page - Asahi Kasei Microsystems AK8855 Datasheet HTML 68Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
[ASAHI KASEI]
AK8855
MS0319-E-03
64
2004 / 11
Register Definition
Sub
Address
Register
Defa-
ult
R/W
Function
0x00
Input Video standard Register
0x00
R/W
To set the Input signal Standard
0x01
Output Control 1 Register
0x00
R/W
To set output picture sizes etc
0x02
Output Control 2 Register
0x00
R/W
To set output characteristics of output pins
0x04
Control Register
0x00
R/W
Various control registers.
0x05
PGA Control Register
0x46
R/W
PGA Control Register
0x06
Contrast Control Register
0x80
R/W
Contrast Control Register
0x07
Brightness Control Register
0x00
R/W
Brightness Control Register
0x08
Saturation Control Register
0x80
R/W
Saturation Control Register
0x09
HUE Control Register
0x00
R/W
HUE Control Register
0x0A
Request VBI Info Register
0x00
W
Request VBI Info Register
0x10
Status Register
R
Status Register
0x11
Macrovision Status Register
R
Macrovision Status Register
0x12
Closed Caption 1 Register
R
Closed Caption Data 1 register
0x13
Closed Caption 2 Register
R
Closed Caption Data 2 register.
0x14
Extended Data 1 Register
R
Closed Caption Extended Data 1 register.
0x15
Extended Data 2 Register
R
Closed Caption Extended Data 2 register.
0x16
VBID/WSS 1 Register
R
VBID ( CGMS-A ) / WSS1 Data register
0x17
VBID/WSS 2 Register
R
VBID ( CGMS-A ) / WSS 2 Data register
0x18
Device & Revision ID Register
0x37
R
Device & Revision ID Register


Similar Part No. - AK8855

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
   NTSC Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851VQ AKM-AK8851VQ Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
AK8853VN AKM-AK8853VN Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
More results

Similar Description - AK8855

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
   NTSC/PAL Digital Video Decoder
logo
OKI electronic componet...
MSM7661B OKI-MSM7661B Datasheet
303Kb / 42P
   NTSC/PAL Digital Video Decoder
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
   NTSC/PAL Digital Video Decoder
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
   NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
logo
OKI electronic componet...
MSM7660 OKI-MSM7660 Datasheet
269Kb / 35P
   Digital Video Decoder (NTSC/PAL Compatible)
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com