Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AK8817 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part No. AK8817
Description  NTSC/PAL Digital Video Encoder
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AK8817 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ASAHI KASEI
[AK8817]
MS0413-E-03
6
2006 / 05
Electrical Characteristics
(1) Absolute Maximum Ratings
Parameter
Min
Max
Units
Note
Supply voltage
DVDD, AVDD, PVDD
-0.3
4.5
V
Digital Input pin voltage
(VinP)
-0.3
PVDD +0.3
V
D[7:0], HDI, VDI,
RSTN, PDN,
CLKIN,
CLKINV,SCL,
SDA
Input pin current (Iin)
-10
10
mA
Exclude Power
supply pin.
Storage temperature
-40
125
°C
(Note1)
Power supply voltages are values where each ground pin ( DVSS = AVSS = PVSS ) is at 0 V( voltage reference ).
All power supply ground pins DVSS, AVSS and PVSS should be at same potential.
(2) Recommended Operating Conditions
Parameter
Min
Typ.
Max
Units
Conditions
Supply voltage *
AVDD,DVDD
2.7
3.0
3.3
V
AVDD = DVDD
Interface power supply
PVDD
1.6
1.8
DVDD
V
Operating temperature
(Ta)
-30
85
°C
* Power supply voltages are values where each ground pin ( PVSS = AVSS = PVSS ) is at 0 V( voltage reference ).
All power supply ground pins DVSS, AVSS and PVSS should be at same potential.
(3) DC Characteristics
< Operating voltage: DVDD 2.7V~3.3V / PVDD 1.6 V~DVDD, loading condition 15 pF, temperature -30~+85
°C >
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Digital input H voltage (VIH)
VIH
0.8PVDD
V
PVDD=1.6 - DVDD
Digital input L voltage (VIL)
VIL
0.2PVDD
V
PVDD=1.6 - DVDD
Digital input leak current
IL
+/-10
uA
I2C (SDA) L output
VOLC
0.4
V
IOLC = 3mA
( Note )
Digital output pins refer to D[7:0], HDI, VDI, PDN, RSTN, SCL, SDA,CLKIN and CLKINV pin outputs in general term.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn