Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4534 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4534
Description  16Bit CODEC with MIC/HP/SPK-AMP
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4534 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4534 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4534 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4534 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4534 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4534 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4534 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4534 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4534 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4534 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ASAHI KASEI
[AK4534]
MS0133-E-03
2003/5
- 10 -
DC CHARACTERISTICS
(Ta=
−10 ∼ 70°C; AVDD, DVDD, PVDD, HVDD=2.4 ∼ 3.6V)
Parameter
Symbol
min
typ
Max
Units
High-Level Input Voltage
Low-Level Input Voltage
Input Voltage at AC Coupling
(Note 22)
VIH
VIL
VAC
70%DVDD
-
50%DVDD
-
-
-
-
30%DVDD
-
V
V
V
High-Level Output Voltage
(Iout=
−200µA)
Low-Level Output Voltage
(Except SDA pin: Iout=200
µA)
(
SDA pin: Iout= 3mA)
VOH
VOL
VOL
DVDD
−0.2
-
-
-
-
-
-
0.2
0.4
V
V
V
Input Leakage Current
Iin
-
-
±10
µA
Note 22. When AC coupled capacitor is connected to MCKI pin.
SWITCHING CHARACTERISTICS
(Ta=
−10 ∼ 70°C; AVDD, DVDD, PVDD, HVDD=2.4 ∼ 3.6V; C
L=20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Crystal Resonator
Frequency
11.2896
-
12.288
MHz
External Clock
Frequency
Pulse Width Low
Pulse Width High
AC Pulse Width (Note23)
fCLK
tCLKL
tCLKH
tACW
2.048
0.4/fCLK
0.4/fCLK
0.4/fCLK
-
12.288
MHz
ns
ns
ns
MCKO Output
Frequency
Duty Cycle : except fs=32kHz
fs=32kHz at 256fs (Note 24)
fMCK
dMCK
dMCK
0.256
40
50
33
12.288
60
MHz
%
%
LRCK Frequency
Frequency
fs
8
48
kHz
Duty Cycle
Slave mode
Master mode
Duty
Duty
45
50
55
%
%
Audio Interface Timing
Slave mode
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 25)
BICK “
↑” to LRCK Edge
(Note 25)
LRCK to SDTO (MSB) (Except I
2S mode)
BICK “
↓” to SDTO
SDTI Hold Time
SDTI Setup Time
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
tSDH
tSDS
312.5
130
130
50
50
50
50
80
80
ns
ns
ns
ns
ns
ns
ns
ns
ns
Master mode
BICK Frequency
BICK Duty
BICK “
↓” to LRCK
BICK “
↓” to SDTO
SDTI Hold Time
SDTI Setup Time
fBCK
dBCK
tMBLR
tBSD
tSDH
tSDS
−80
−80
50
50
64fs
50
80
80
Hz
%
ns
ns
ns
ns
Note 23. Pulse width to ground level when MCKI is connected to a capacitor in series and a resistor is connected to ground.
(Refer to Figure 2)
Note 24. PMPLL bit = “1”.
Note 25. BICK rising edge must not occur at the same time as LRCK edge.


Similar Part No. - AKD4534

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4532 AKM-AKD4532 Datasheet
345Kb / 17P
   Internet/Network/General Purpose Multimedia Audio CODEC
AKD4536 AKM-AKD4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AKD4537 AKM-AKD4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AKD4537 AKM-AKD4537 Datasheet
290Kb / 32P
   Evaluation board Rev.B for AK4537
AKD4538 AKM-AKD4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AKD4534

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
   16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com