Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF1608FCT Datasheet(PDF) 3 Page - Won-Top Electronics

Part # UF1608FCT
Description  16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF1608FCT Datasheet(HTML) 3 Page - Won-Top Electronics

  UF1608FCT Datasheet HTML 1Page - Won-Top Electronics UF1608FCT Datasheet HTML 2Page - Won-Top Electronics UF1608FCT Datasheet HTML 3Page - Won-Top Electronics UF1608FCT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UF1600FCT – UF1608FCT
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
WTE
= Manufacturer’s Logo
UF160xFCT = Device Number
x
= 0, 1, 2, 3, 4, 6 or 8
Polarity
= As Marked on Body
Plain Washer
Rectifier
Heatsink
Conical Washer
6-32 HEX Nut
The full molded plastic package affords a
major reduction of hardware as compared
to a standard TO-220 package. However,
precautions should be made in mounting
procedure.
A conical washer should be used to apply
proper force to the device. Screw should
not be tightened with any type of air-forced
torque or equipment that may cause crack
on device package.
A layer of thermal grease or thermal pad in
the interface will be considerably helpful for
heat dissipation.
6-32 HEX Head Screw
WTE
UF160xFCT


Similar Part No. - UF1608FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1608FCT PANJIT-UF1608FCT Datasheet
56Kb / 2P
   ISOLATION ULTRAFST SWITCHING RECTIFIER(VOLTAGE- 50 to 800 Volts CURRENT - 16.0 Amperes)
logo
Won-Top Electronics
UF1608FCT WTE-UF1608FCT Datasheet
49Kb / 3P
   16A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
UF1608FCT PANJIT-UF1608FCT Datasheet
45Kb / 2P
   ISOLATION ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF1608FCT YEASHIN-UF1608FCT Datasheet
41Kb / 2P
   ISOLATION UL TRAFAST RECOVERY RECTIFIERS 50 to 800 Volts 16 AmperesCURRENT
logo
PACELEADER INDUSTRIAL
UF1608FCT PACELEADER-UF1608FCT Datasheet
197Kb / 2P
   SUPERFAST SURFACE MOUNT REVERSE
More results

Similar Description - UF1608FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF1600CT WTE-UF1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1600CT WTE-UF1600CT Datasheet
49Kb / 3P
   16A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1600FCT WTE-UF1600FCT Datasheet
49Kb / 3P
   16A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
ER1600CT WTE-ER1600CT_06 Datasheet
61Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
U16D05C WTE-U16D05C Datasheet
59Kb / 4P
   16A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER
ER1600FCT WTE-ER1600FCT_06 Datasheet
54Kb / 4P
   16A GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
logo
Frontier Electronics.
FEF160-02CT FRONTIER-FEF160-02CT Datasheet
130Kb / 2P
   16A DUAL FAST EFFICIENT GLASS PASSIVATED RECTIFIER
logo
Won-Top Electronics
UF1000CT WTE-UF1000CT_06 Datasheet
57Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
UF1000FCT WTE-UF1000FCT_06 Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
H30D05C WTE-H30D05C Datasheet
55Kb / 4P
   30A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com