Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1ICS3101U Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SL1ICS3101U
Description  I.CODE1 Label IC 97pF Chip Specification
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101U Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SL1ICS3101U Datasheet HTML 5Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 6Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 7Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 8Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 9Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 10Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 11Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 12Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 9 of 22
Public
6 Mechanical Die Specifications
Designation:
VCOL1V0
visible on each die
location see attached die plan
Bond pad location:
see attached die plan
Bond pad size:
LA, LB
130 µm x 150 µm
Test pad size:
TEST, VSS
90 µm x 90 µm (the test pads are electrically neutral
at sawn wafers)
Bond pad metallisation material:
AlSiCu
Metallisation thickness:
1.4 µm
Die dimensions (incl. 80 µm scribe line):
1460 µm x 1490 µm
Die dimensions (excl. scribe line):
1380 µm x 1410 µm
Tolerances for sawn dies:
± 25 µm
Pin identification:
see attached die plan
Passivation attributes:
The passivation is a protection of active areas against dust (particles) and humidity and general
contamination (whole surface of the chip except for the bond pads).
Top side passivation material:
Oxynitride
Passivation thickness:
1.6 µm
Due to the glass-like physical properties careful handling and processing is required.


Similar Part No. - SL1ICS3101U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL1ICS3001 PHILIPS-SL1ICS3001 Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001U PHILIPS-SL1ICS3001U Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001U/L6D PHILIPS-SL1ICS3001U/L6D Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001U/N5D PHILIPS-SL1ICS3001U/N5D Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001W PHILIPS-SL1ICS3001W Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
More results

Similar Description - SL1ICS3101U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL1ICS3001 PHILIPS-SL1ICS3001 Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL2-ICS20 NXP-SL2-ICS20 Datasheet
86Kb / 25P
   Smart Label IC SL2 ICS20 Functional Specification
Revision 3.1
SL2ICS20 NXP-SL2ICS20 Datasheet
44Kb / 12P
   SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
December 2002
logo
SHANGHAI BELLING CO., L...
BL75R05 BELLING-BL75R05 Datasheet
240Kb / 5P
   The BL75R05 IC is a dedicated chip for intelligent label applications
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
   Label - EV-LABEL-L
1315521 PHOENIX-1315521 Datasheet
47Kb / 2P
   Label - EV-LABEL-C-SO
logo
Pepperl+Fuchs Inc.
HIALC-HICTF-SET-114 PF-HIALC-HICTF-SET-114 Datasheet
211Kb / 1P
   Label Carrier
logo
List of Unclassifed Man...
HT191UY ETC2-HT191UY Datasheet
828Kb / 25P
   Label Specifications
logo
Pepperl+Fuchs Inc.
ULB-18GM50-255-2E1 PF-ULB-18GM50-255-2E1 Datasheet
388Kb / 4P
   Label sensor
ULB-18GM50-255-2E3 PF-ULB-18GM50-255-2E3 Datasheet
388Kb / 4P
   Label sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com