Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1ICS3101U Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SL1ICS3101U
Description  I.CODE1 Label IC 97pF Chip Specification
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101U Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SL1ICS3101U Datasheet HTML 3Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 4Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 5Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 6Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 7Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 8Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 9Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 10Page - NXP Semiconductors SL1ICS3101U Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 7 of 22
Public
5.3 Memory Organisation
The 512 bit EEPROM memory is divided into 16 blocks. A block is the smallest access unit. Each
block consists of 4 bytes (1 block = 32 bits). Bit 0 in each byte represents the least significant bit
(LSB) and bit 7 the most significant bit (MSB), respectively.
Byte 0
Byte 1
Byte 2
Byte 3
Block 0
SNR0
SNR1
SNR2
SNR3
Serial Number (lower bytes)
Block 1
SNR4
SNR5
SNR6
SNR7
Serial Number (higher bytes)
Block 2
F0
FF
FF
FF
Write Access Conditions
Block 3
x
x
x
x
Special Functions (EAS/QUIET)
Block 4
x
x
x
x
Family Code/Application Identifier/User Data
Block 5
x
x
x
x
User Data
Block 6
x
x
x
x
:
Block 7
x
x
x
x
:
Block 8
x
x
x
x
:
Block 9
x
x
x
x
:
Block 10
x
x
x
x
:
Block 11
x
x
x
x
:
Block 12
x
x
x
x
:
Block 13
x
x
x
x
:
Block 14
x
x
x
x
:
Block 15
x
x
x
x
User Data
The values (in hexadecimal notation) shown in the table above are stored in the EEPROM after the
wafer production process. The content of blocks marked with ‘x’ in the table is not defined at
delivery.
5.3.1 Serial Number
The unique 64 bit serial number is stored in blocks 0 and 1 and is programmed during the
production process. SNR0 in the table represents the least significant byte and SNR7 the most
significant byte, respectively.
5.3.2 Write Access Conditions
The Write Access Condition bits in block 2 determine the write access conditions for each of the
16 blocks. These bits can be set only to 0 (and never be changed to 1), i.e. already write protected
blocks can never be written to from this moment on. This is also true for block 2. If this block is set
into write protected state by clearing of bits 4 and 5 at byte 0, no further changes in write access
conditions are possible.
Byte 0
Byte 1
Byte 2
Byte 3
âMSB
LSB
â
âMSB
LSB
â
âMSB
LSB
â
âMSB
LSB
â
Block 2:
Write Access
Conditions
|
1|1
|
|
1|1
|
|
0
|0
|
|
0
|0
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
for Block
à
3
2
1
0
7
6
5
4
11
10
9
8
15
14
13
12
Special
Funct.
Write
Access
Serial
Number
User
Data
..... ..... ..... ..... ..... ..... ..... ..... ..... ..... User
Data
The ones in the 16 pairs of bits have to be cleared together if the corresponding block is wanted to
be write protected forever (1|1 à write access enabled, 0|0 à write access disabled). Writing of bit
pairs 1|0 or 0|1 to block 2 is not allowed!
It is extremely important to be particularly careful when clearing the Write Access bits in
block 2, as you can lose write access to all of the blocks on the label in case of a mistake.
Of course you can use this feature to put the label into a hardware write protected state!


Similar Part No. - SL1ICS3101U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL1ICS3001 PHILIPS-SL1ICS3001 Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001U PHILIPS-SL1ICS3001U Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001U/L6D PHILIPS-SL1ICS3001U/L6D Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001U/N5D PHILIPS-SL1ICS3001U/N5D Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001W PHILIPS-SL1ICS3001W Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
More results

Similar Description - SL1ICS3101U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL1ICS3001 PHILIPS-SL1ICS3001 Datasheet
376Kb / 22P
   I.CODE1 Label IC Chip Specification
2000-05-02
SL2-ICS20 NXP-SL2-ICS20 Datasheet
86Kb / 25P
   Smart Label IC SL2 ICS20 Functional Specification
Revision 3.1
SL2ICS20 NXP-SL2ICS20 Datasheet
44Kb / 12P
   SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
December 2002
logo
SHANGHAI BELLING CO., L...
BL75R05 BELLING-BL75R05 Datasheet
240Kb / 5P
   The BL75R05 IC is a dedicated chip for intelligent label applications
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
   Label - EV-LABEL-L
1315521 PHOENIX-1315521 Datasheet
47Kb / 2P
   Label - EV-LABEL-C-SO
logo
Pepperl+Fuchs Inc.
HIALC-HICTF-SET-114 PF-HIALC-HICTF-SET-114 Datasheet
211Kb / 1P
   Label Carrier
logo
List of Unclassifed Man...
HT191UY ETC2-HT191UY Datasheet
828Kb / 25P
   Label Specifications
logo
Pepperl+Fuchs Inc.
ULB-18GM50-255-2E1 PF-ULB-18GM50-255-2E1 Datasheet
388Kb / 4P
   Label sensor
ULB-18GM50-255-2E3 PF-ULB-18GM50-255-2E3 Datasheet
388Kb / 4P
   Label sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com