Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJA1000 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SJA1000
Description  Stand-alone CAN controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SJA1000 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SJA1000 Datasheet HTML 5Page - NXP Semiconductors SJA1000 Datasheet HTML 6Page - NXP Semiconductors SJA1000 Datasheet HTML 7Page - NXP Semiconductors SJA1000 Datasheet HTML 8Page - NXP Semiconductors SJA1000 Datasheet HTML 9Page - NXP Semiconductors SJA1000 Datasheet HTML 10Page - NXP Semiconductors SJA1000 Datasheet HTML 11Page - NXP Semiconductors SJA1000 Datasheet HTML 12Page - NXP Semiconductors SJA1000 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
2000 Jan 04
9
Philips Semiconductors
Product specification
Stand-alone CAN controller
SJA1000
Table 1
BasicCAN address allocation; note 1
Notes
1. It should be noted that the registers are repeated within higher CAN address areas (the most significant bits of the
8-bit CPU address are not decoded: CAN address 32 continues with CAN address 0 and so on).
2. Test register is used for production testing only. Using this register during normal operation may result in undesired
behaviour of the device.
3. Some bits are writeable in reset mode only (CAN mode and CBP).
CAN
ADDRESS
SEGMENT
OPERATING MODE
RESET MODE
READ
WRITE
READ
WRITE
0
control
control
control
control
control
1
(FFH)
command
(FFH)
command
2
status
status
3
interrupt
interrupt
4
(FFH)
acceptance code
acceptance code
5
(FFH)
acceptance mask
acceptance mask
6
(FFH)
bus timing 0
bus timing 0
7
(FFH)
bus timing 1
bus timing 1
8
(FFH)
output control
output control
9
test
test; note 2
test
test; note 2
10
transmit
buffer
identifier (10 to 3)
identifier (10 to 3)
(FFH)
11
identifier (2 to 0),
RTR and DLC
identifier (2 to 0),
RTR and DLC
(FFH)
12
data byte 1
data byte 1
(FFH)
13
data byte 2
data byte 2
(FFH)
14
data byte 3
data byte 3
(FFH)
15
data byte 4
data byte 4
(FFH)
16
data byte 5
data byte 5
(FFH)
17
data byte 6
data byte 6
(FFH)
18
data byte 7
data byte 7
(FFH)
19
data byte 8
data byte 8
(FFH)
20
receive
buffer
identifier (10 to 3)
identifier (10 to 3)
identifier (10 to 3)
identifier (10 to 3)
21
identifier (2 to 0),
RTR and DLC
identifier (2 to 0),
RTR and DLC
identifier (2 to 0),
RTR and DLC
identifier (2 to 0),
RTR and DLC
22
data byte 1
data byte 1
data byte 1
data byte 1
23
data byte 2
data byte 2
data byte 2
data byte 2
24
data byte 3
data byte 3
data byte 3
data byte 3
25
data byte 4
data byte 4
data byte 4
data byte 4
26
data byte 5
data byte 5
data byte 5
data byte 5
27
data byte 6
data byte 6
data byte 6
data byte 6
28
data byte 7
data byte 7
data byte 7
data byte 7
29
data byte 8
data byte 8
data byte 8
data byte 8
30
(FFH)
(FFH)
31
clock divider
clock divider; note 3
clock divider
clock divider


Similar Part No. - SJA1000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1000 NXP-SJA1000 Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
SJA1000T NXP-SJA1000T Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
More results

Similar Description - SJA1000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
   Stand-alone CAN-controller
November 1992
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
   STAND-ALONE CAN-CONTROLLER
October 1990
logo
IK Semicon Co., Ltd
IN2515 IKSEMICON-IN2515 Datasheet
540Kb / 17P
   STAND-ALONE CAN CONTROLLER
logo
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com