Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1101DK868-915 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC1101DK868-915
Description  Low-Cost Low-Power Sub-1GHz RF Transceiver
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1101DK868-915 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1101DK868-915 Datasheet HTML 3Page - Texas Instruments CC1101DK868-915 Datasheet HTML 4Page - Texas Instruments CC1101DK868-915 Datasheet HTML 5Page - Texas Instruments CC1101DK868-915 Datasheet HTML 6Page - Texas Instruments CC1101DK868-915 Datasheet HTML 7Page - Texas Instruments CC1101DK868-915 Datasheet HTML 8Page - Texas Instruments CC1101DK868-915 Datasheet HTML 9Page - Texas Instruments CC1101DK868-915 Datasheet HTML 10Page - Texas Instruments CC1101DK868-915 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
CC1101
SWRS061B
Page 7 of 93
1
Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings given in Table 1 be violated. Stress
exceeding one or more of the limiting values may cause permanent damage to the device.
Caution!
ESD
sensitive
device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
Parameter
Min
Max
Units
Condition
Supply voltage
–0.3
3.9
V
All supply pins must have the same voltage
Voltage on any digital pin
–0.3
VDD + 0.3
max 3.9
V
Voltage on the pins RF_P, RF_N,
and DCOUPL
–0.3
2.0
V
Voltage ramp-up rate
120
kV/µs
Input RF level
+10
dBm
Storage temperature range
–50
150
°C
Solder reflow temperature
260
°C
According to IPC/JEDEC J-STD-020C
ESD
750
V
According to JEDEC STD 22, method A114,
Human Body Model (HBM)
ESD
400
V
According to JEDEC STD 22, C101C,
Charged Device Model (CDM)
Table 1: Absolute Maximum Ratings
2
Operating Conditions
The operating conditions for
CC1101 are listed Table 2 in below.
Parameter
Min
Max
Unit
Condition
Operating temperature
-40
85
°C
Operating supply voltage
1.8
3.6
V
All supply pins must have the same voltage
Table 2: Operating Conditions
3
General Characteristics
Parameter
Min
Typ
Max
Unit
Condition/Note
Frequency range
300
348
MHz
387
464
MHz
779
928
MHz
Data rate
1.2
1.2
26
500
250
500
kBaud
kBaud
kBaud
2-FSK
GFSK, OOK, and ASK
(Shaped) MSK (also known as differential offset
QPSK)
Optional Manchester encoding (the data rate in kbps
will be half the baud rate)
Table 3: General Characteristics


Similar Part No. - CC1101DK868-915

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101DK868-915 TI1-CC1101DK868-915 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101DK868-915 TI-CC1101DK868-915 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1101DK868-915 TI1-CC1101DK868-915 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
More results

Similar Description - CC1101DK868-915

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
List of Unclassifed Man...
SPIRIT1QTR ETC2-SPIRIT1QTR Datasheet
2Mb / 101P
   Low data rate, low power sub-1GHZ transceiver
logo
STMicroelectronics
SPIRIT1 STMICROELECTRONICS-SPIRIT1 Datasheet
866Kb / 94P
   Low data rate, low power sub-1GHZ transceiver
logo
Texas Instruments
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
RC-CC1310-XXX ETC1-RC-CC1310-XXX Datasheet
1Mb / 7P
   Ultra Low Power sub 1GHz Multichannels Radio Transceiver
Rev 1.5
logo
Maxim Integrated Produc...
MAX7037 MAXIM-MAX7037 Datasheet
987Kb / 35P
   Sub-1GHz, Ultra-Low-Power, RF ISM Transceiver for Consumer/Industrial Applications
Rev 0; 9/16
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
   CC1100 Single Chip Low Cost Low Power RF-Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com