Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSP1N60A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SSP1N60A
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSP1N60A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SSP1N60A Datasheet HTML 1Page - Fairchild Semiconductor SSP1N60A Datasheet HTML 2Page - Fairchild Semiconductor SSP1N60A Datasheet HTML 3Page - Fairchild Semiconductor SSP1N60A Datasheet HTML 4Page - Fairchild Semiconductor SSP1N60A Datasheet HTML 5Page - Fairchild Semiconductor SSP1N60A Datasheet HTML 6Page - Fairchild Semiconductor SSP1N60A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N-CHANNEL
POWER MOSFET
Electrical Characteristics (T
C=25
unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain( “Miller” ) Charge
g
fs
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Q
g
Q
gs
Q
gd
BV
DSS
BV/ T
J
V
GS(th)
R
DS(on)
I
GSS
I
DSS
V
V/
V
nA
A
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
V
GS=0V,ID=250
A
I
D=250
A
See Fig 7
V
DS=5V,ID=250
A
V
GS=30V
V
GS=-30V
V
DS=600V
V
DS=480V,TC=125
V
GS=10V,ID=0.5A
V
DS=50V,ID=0.5A
V
DD=300V,ID=1A,
R
G=24
See Fig 13
V
DS=480V,VGS=10V,
I
D=1A
See Fig 6 & Fig 12
Drain-to-Source Leakage Current
V
GS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
I
S
I
SM
V
SD
t
rr
Q
rr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
C
Integral reverse pn-diode
in the MOSFET
T
J=25
,I
S=1A,VGS=0V
T
J=25
,I
F=1A
di
F/dt=100A/
s
oC
oC
µ
µ
µ
µ
µ
O
1
O
4
O
4
oC
oC
O
4
O
4
O
5
O
4
O
4
O
5
oC
µ
SSP1N60A
600
--
2.0
--
--
--
--
--
0.74
--
--
--
--
--
20
7
10
13
28
13
7.5
1.2
4
--
--
4.0
100
-100
25
250
12
--
190
24
9
30
35
65
35
11
--
--
0.83
145
--
--
--
190
0.44
1
3
1.2
--
--
Notes ;
Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
L=80mH, I
AS=1A, VDD=50V, RG=27
, Starting T
J =25
I
SD
1A, di/dt
60A/ s, V
DD
BV
DSS , Starting T J =25
Pulse Test : Pulse Width = 250 s, Duty Cycle
2%
Essentially Independent of Operating Temperature
<
_
<
_
<
_
<
_
O
1
O
2
O
3
O
4
O
5
oC
oC
µ
µ


Similar Part No. - SSP1N60A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSP1N60A VBSEMI-SSP1N60A Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
SSP1N60A ISC-SSP1N60A Datasheet
280Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SSP1N60A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com