Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SRC4382 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. SRC4382
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  81 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  SRC4382 Datasheet HTML 1Page - Burr-Brown (TI) SRC4382 Datasheet HTML 2Page - Burr-Brown (TI) SRC4382 Datasheet HTML 3Page - Burr-Brown (TI) SRC4382 Datasheet HTML 4Page - Burr-Brown (TI) SRC4382 Datasheet HTML 5Page - Burr-Brown (TI) SRC4382 Datasheet HTML 6Page - Burr-Brown (TI) SRC4382 Datasheet HTML 7Page - Burr-Brown (TI) SRC4382 Datasheet HTML 8Page - Burr-Brown (TI) SRC4382 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
www.ti.com
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS: General, SRC, DIR, and DIT (continued)
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4382
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion + Noise (THD+N)(2)
BW = 22Hz to fSOUT/2,
f = 997Hz at 0dBFS
fSIN:fSOUT = 12kHz:192kHz
–125
dB
fSIN:fSOUT = 44.1kHz:44.1kHz
–125
dB
fSIN:fSOUT = 44.1kHz:48kHz
–125
dB
fSIN:fSOUT = 44.1kHz:96kHz
–125
dB
fSIN:fSOUT = 44.1kHz:192kHz
–125
dB
fSIN:fSOUT = 48kHz:44.1kHz
–125
dB
fSIN:fSOUT = 48kHz:48kHz
–125
dB
fSIN:fSOUT = 48kHz:96kHz
–125
dB
fSIN:fSOUT = 48kHz:192kHz
–125
dB
fSIN:fSOUT = 96kHz:44.1kHz
–125
dB
fSIN:fSOUT = 96kHz:48kHz
–125
dB
fSIN:fSOUT = 96kHz:96kHz
–125
dB
fSIN:fSOUT = 96kHz:192kHz
–125
dB
fSIN:fSOUT = 192kHz:12kHz
–125
dB
fSIN:fSOUT = 192kHz:44.1kHz
–125
dB
fSIN:fSOUT = 192kHz:48kHz
–125
dB
fSIN:fSOUT = 192kHz:96kHz
–125
dB
fSIN:fSOUT = 192kHz:192kHz
–125
dB
Digital Interpolation Filter Characteristics
Passband
0.4535 × fSIN
Hz
Passband Ripple
±0.007
dB
Transition Band
0.4535 × fSIN
0.5465 × fSIN
Hz
Stop Band
0.5465 × fSIN
Hz
Stop Band Attenuation
–125
dB
Group Delay (64 samples pre-buffered)
Decimation filter enabled
102.53125/fSIN
Seconds
Group Delay (64 samples pre-buffered)
Direct down-sampling enabled
102/fSIN
Seconds
Group Delay (32 samples pre-buffered)
Decimation filter enabled
70.53125/fSIN
Seconds
Group Delay (32 samples pre-buffered)
Direct down-sampling enabled
70/fSIN
Seconds
Group Delay (16 samples pre-buffered)
Decimation filter enabled
54.53125/fSIN
Seconds
Group Delay (16 samples pre-buffered)
Direct down-sampling enabled
54/fSIN
Seconds
Group Delay (8 samples pre-buffered)
Decimation filter enabled
46.53125/fSIN
Seconds
Group Delay (8 samples pre-buffered)
Direct down-sampling enabled
46/fSIN
Seconds
Digital Decimation Filter Characteristics
Passband
0.4535 × fSOUT
Hz
Passband Ripple
±0.008
dB
Transition Band
0.4535 × fSOUT
0.5465 × fSOUT
Hz
Stop Band
0.5465 × fSOUT
Hz
Stop Band Attenuation
–125
dB
Group Delay
Decimation filter enabled
36.46875/fSOUT
Seconds
Group Delay
Direct down-sampling enabled
0
Seconds
Digital De-Emphasis Filter Characteristics
Filter Error for All Settings
De-emphasis filter enabled
0.001
dB
(2)
Measured with an Audio Precision SYS-2722 192kHz test system with the input and output sampling frequencies asynchronous to one
another.
5
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn