Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4382 Datasheet(PDF) 28 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # SRC4382
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382 Datasheet(HTML) 28 Page - Burr-Brown (TI)

Back Button SRC4382 Datasheet HTML 24Page - Burr-Brown (TI) SRC4382 Datasheet HTML 25Page - Burr-Brown (TI) SRC4382 Datasheet HTML 26Page - Burr-Brown (TI) SRC4382 Datasheet HTML 27Page - Burr-Brown (TI) SRC4382 Datasheet HTML 28Page - Burr-Brown (TI) SRC4382 Datasheet HTML 29Page - Burr-Brown (TI) SRC4382 Datasheet HTML 30Page - Burr-Brown (TI) SRC4382 Datasheet HTML 31Page - Burr-Brown (TI) SRC4382 Datasheet HTML 32Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
www.ti.com
X
Channel 1
Y
Channel 2
Channel 1
Z
Y
Channel 2
X
Channel 1
Y
Channel 2
Frame 191
Frame 0
Frame 1
Block Start
One Sub Frame
Bits: 0
3 4
7 8
27 28 29 30 31
MSB
V U C P
Preamble
Audio Data
Audio or
Aux Data
Validity Bit
Use D
r
ata
Channel Status Data
P rit
a y Bit
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
PRODUCT OVERVIEW (continued)
For AES3 transmission, data is encoded into frames, with each frame containing two subframes of audio and
status data, corresponding to audio Channels 1 and 2 (or Left and Right, respectively, for stereophonic audio).
Figure 63 shows the AES3 frame and subframe formatting. Each subframe includes four bits for the preamble,
up to 24 bits for audio and/or auxiliary data, one bit indicating data validity (V), one bit for channel status data
(C), one bit for user data (U), and one bit for setting parity (P).
The 4-bit preamble is used for synchronization and identification of blocks and subframes. The X and Y
preamble codes are used to identify the start of the Channel 1 and Channel 2 subframes, as shown in Figure 63.
However, the X preamble for the first subframe of every 192 frames is replaced by the Z preamble, which
identifies the start of a new block of channel status and user data.
Figure 63. AES3 Frame and Subframe Encoding
One block is comprised of 192 frames of data. This format translates to 192 bits each for channel status and
user data for each channel. The 192 bits are organized into 24 data bytes, which are defined by the AES3-2003
and consumer standards documents. The AES18 standard defines recommended usage and formatting of the
user data bits, while consumer applications may utilize the user data for other purposes. The SRC4382 also
includes block-sized transmitter and receiver channel status and user data buffers, which have 24 bytes each for
the channel status and user data assigned to audio Channels 1 and 2. Refer to the Channel Status and User
Data Buffer Maps section for the organization of the buffered channel status and user data for the receiver and
transmitter functions.
The audio data for Channel 1 and Channel 2 may be up to 24 bits in length, and occupies bits 4 through 27 of
the corresponding subframe. Bit 4 is the LSB while bit 27 is the MSB. If only 20 bits are required for audio data,
then bits 8 through 27 are utilized for audio data, while bits 4 though 7 are utilized for auxiliary data bits.
The validity (V) bit indicates whether or not the audio sample word being transmitted is suitable for
digital-to-analog (D/A) conversion or further digital processing at the receiver end of the connection. If the validity
bit is 0, then the audio sample is suitable for conversion or additional processing. If the validity bit is 1, then the
audio sample is not suitable for conversion or additional processing.
The parity (P) bit is set to either a 0 or 1, such that bits 4 through 31 carry an even number of ones and zeros
for even parity. The DIT block in the SRC4382 automatically manages the parity bit, setting it to a 0 or 1 as
needed. The DIR block checks the parity of bits 4 though 31 and generates a parity error if odd parity is
detected.
28
Submit Documentation Feedback


Similar Part No. - SRC4382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4382 TI1-SRC4382 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4382

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com