Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SRC4382 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. SRC4382
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  81 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

SRC4382 Datasheet(HTML) 2 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
www.ti.com
APPLICATIONS
DESCRIPTION
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
The SRC4382 is configured using on-chip control
registers and data buffers, which are accessed
DIGITAL AUDIO RECORDERS AND
through either a 4-wire serial peripheral interface
MIXING DESKS
(SPI) port, or a 2-wire Philips I2C bus interface.
DIGITAL AUDIO INTERFACES FOR
Status registers provide access to a variety of flag
COMPUTERS
and error bits, which are derived from the various
DIGITAL AUDIO ROUTERS AND
function blocks. An open drain interrupt output pin is
DISTRIBUTION SYSTEMS
provided, and is supported by flexible interrupt
BROADCAST STUDIO EQUIPMENT
reporting and mask options via control register
settings. A master reset input pin is provided for
DVD/CD RECORDERS
initialization by a host processor or supervisory
SURROUND SOUND DECODERS AND
functions.
A/V RECEIVERS
The SRC4382 requires a +1.8V core logic supply, in
CAR AUDIO SYSTEMS
addition to a +3.3V supply for powering portions of
the DIR, DIT, and line driver and receiver functions.
A separate logic I/O supply supports operation from
The SRC4382 is a highly-integrated CMOS device
+1.65V to +3.6V, providing compatibility with low
designed for use in professional and broadcast
voltage logic interfaces typically found on digital
digital audio systems. The SRC4382 combines a
signal processors and programmable logic devices.
high-performance,
two-channel,
asynchronous
The SRC4382 is available in a lead-free, TQFP-48
sample rate converter (SRC) with a digital audio
package, and is pin- and register-compatible with the
interface receiver (DIR) and transmitter (DIT), two
Texas Instruments SRC4392 and DIX4192 products.
audio serial ports, and flexible distribution logic for
interconnection of the function block data and clocks.
The DIR and DIT are compatible with the AES3,
S/PDIF, IEC 60958, and EIAJ CP-1201 interface
standards. The audio serial ports, DIT, and SRC may
be operated at sampling rates up to 216kHz. The
DIR lock range includes sampling rates from 20kHz
to 216kHz.
2
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn