Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9936DY Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SI9936DY
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI9936DY Datasheet(HTML) 5 Page - NXP Semiconductors

  SI9936DY Datasheet HTML 1Page - NXP Semiconductors SI9936DY Datasheet HTML 2Page - NXP Semiconductors SI9936DY Datasheet HTML 3Page - NXP Semiconductors SI9936DY Datasheet HTML 4Page - NXP Semiconductors SI9936DY Datasheet HTML 5Page - NXP Semiconductors SI9936DY Datasheet HTML 6Page - NXP Semiconductors SI9936DY Datasheet HTML 7Page - NXP Semiconductors SI9936DY Datasheet HTML 8Page - NXP Semiconductors SI9936DY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
Si9936DY
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 16 July 2001
5 of 13
9397 750 08413
© Philips Electronics N.V. 2001. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VGS(th)
gate-source threshold voltage
ID = 250 µA; VDS =VGS
1
−−
V
IDSS
drain-source leakage current
VDS =24V; VGS =0V
Tj =25 °C
−−
2
µA
Tj =55 °C
−−
20
µA
IGSS
gate-source leakage current
VGS = ±20 V; VDS =0V
−−
100
nA
RDSon
drain-source on-state resistance
VGS = 10 V; ID =5A; Figure 7 and 8
35
50
m
VGS = 4.5 V; ID = 3.9 A; Figure 7 and 8
44
80
m
Dynamic characteristics
gfs
forward transconductance
VDS =15V; ID =5A
11
S
Qg(tot)
total gate charge
ID = 5 A; VDS = 15 V; VGS =10V; Figure 13
18.5
35
nC
Qgs
gate-source charge
1.9
nC
Qgd
gate-drain (Miller) charge
3
nC
td(on)
turn-on delay time
VDD =15V; RD =15 Ω; VGS =10V; RG =6 Ω−
11
30
ns
tr
turn-on rise time
925
ns
td(off)
turn-off delay time
25
50
ns
tf
turn-off fall time
10
50
ns
Source-drain (reverse) diode
VSD
source-drain (diode forward) voltage IS = 1.7A; VGS =0V; Figure 12
0.72
1.2
V
trr
reverse recovery time
IS = 5 A; dIS/dt = −100 A/µs; VGS =0V
60
160
ns


Similar Part No. - SI9936DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI9936DY FAIRCHILD-SI9936DY Datasheet
240Kb / 3P
   Dual N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SI9936DY-T1-E3 VBSEMI-SI9936DY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI9936DY

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com