Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1975-00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP1975-00
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP1975-00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP1975-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP1975-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries inc.®
Thermoelectric Cooler
SP1975
102-0205, Rev A
Performance Values
Mechanical Characteristics
1.13
1.00
1.00
4.00 ±.5
[25.4]
[25.4]
[28.7]
[101.6 ±12.7]
.002 [0.050] A
.001 [0.025]
.001 [0.025]
.192 ±.001
[4.87 ±.025]
Hot Side, Th
A
Ceramic Material: Alumina (AC)
Millimeters are in [ ]
Cold Side, Tc
Negative Lead (Blk)
Leads are 20 AWG Teflon Insulated
Positive Lead (Red)
Ordering Options
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
60.0
68.0
Qmax (watts):
20.4
22.6
Imax (amps):
8.92
8.76
Vmax (vdc):
3.63
4.02
AC Resistance (ohms):
0.332
---
SP1975-00
with out lead wires
SP1975-03
with 4” lead wires


Similar Part No. - SP1975-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP190 ETC2-SP190 Datasheet
178Kb / 3P
   Heat Shrink
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
86Kb / 1P
   IF SAW Filters
SP19001 SIPAT-SP19001 Datasheet
87Kb / 1P
   IF SAW Filters
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
SP1937S25RG SYNC-POWER-SP1937S25RG Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
More results

Similar Description - SP1975-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
XLT2389 ETC2-XLT2389 Datasheet
188Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com