Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI9410DY Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. SI9410DY
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI9410DY Datasheet(HTML) 3 Page - NXP Semiconductors

  SI9410DY Datasheet HTML 1Page - NXP Semiconductors SI9410DY Datasheet HTML 2Page - NXP Semiconductors SI9410DY Datasheet HTML 3Page - NXP Semiconductors SI9410DY Datasheet HTML 4Page - NXP Semiconductors SI9410DY Datasheet HTML 5Page - NXP Semiconductors SI9410DY Datasheet HTML 6Page - NXP Semiconductors SI9410DY Datasheet HTML 7Page - NXP Semiconductors SI9410DY Datasheet HTML 8Page - NXP Semiconductors SI9410DY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Philips Semiconductors
Si9410DY
N-channel enhancement mode field-effect transistor
Product data
Rev. 02 — 05 July 2001
3 of 13
9397 750 08238
© Philips Electronics N.V. 2001. All rights reserved.
VGS ≥ 10 V
Fig 1.
Normalized total power dissipation as a
function of ambient temperature.
Fig 2.
Normalized continuous drain current as a
function of ambient temperature.
Tamb =25 °C; IDM is single pulse
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa11
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
Tamb (
oC)
Pder
(%)
03aa19
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
Tamb (
oC)
Ider
(%)
P
der
P
tot
P
tot 25 C
°
()
----------------------
100%
×
=
I
D
I
D
I
D25 C
°
()
-------------------
100%
×
=
03ae46
10-2
10-1
1
10
102
10-1
1
10
102
VDS (V)
ID
(A)
D.C.
100 ms
10 ms
RDSon = VDS / ID
1 ms
tp = 10 µs
100 µs
tp
tp
T
P
t
T
δ =


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn