Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI9410DY Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. SI9410DY
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI9410DY Datasheet(HTML) 1 Page - NXP Semiconductors

  SI9410DY Datasheet HTML 1Page - NXP Semiconductors SI9410DY Datasheet HTML 2Page - NXP Semiconductors SI9410DY Datasheet HTML 3Page - NXP Semiconductors SI9410DY Datasheet HTML 4Page - NXP Semiconductors SI9410DY Datasheet HTML 5Page - NXP Semiconductors SI9410DY Datasheet HTML 6Page - NXP Semiconductors SI9410DY Datasheet HTML 7Page - NXP Semiconductors SI9410DY Datasheet HTML 8Page - NXP Semiconductors SI9410DY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Si9410DY
N-channel enhancement mode field-effect transistor
Rev. 02 — 05 July 2001
Product data
c
c
M3D315
1.
Description
N-channel enhancement mode field-effect transistor in a plastic package using
TrenchMOS™1 technology.
Product availability:
Si9410DY in SOT96-1 (SO8).
2.
Features
s Low on-state resistance
s Fast switching
s TrenchMOS™ technology.
3.
Applications
s DC to DC convertors
s DC motor control
s Lithium-ion battery applications
s Notebook PC
s Portable equipment applications.
4.
Pinning information
1.
TrenchMOS is a trademark of Royal Philips Electronics.
Table 1:
Pinning - SOT96-1, simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
n/c
SOT96-1 (SO8)
2,3
source (s)
4
gate (g)
5,6,7,8
drain (d)
4
5
1
8
Top view
MBK187
s
d
g
MBB076


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn