Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI9410DY Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. SI9410DY
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI9410DY Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SI9410DY Datasheet HTML 4Page - NXP Semiconductors SI9410DY Datasheet HTML 5Page - NXP Semiconductors SI9410DY Datasheet HTML 6Page - NXP Semiconductors SI9410DY Datasheet HTML 7Page - NXP Semiconductors SI9410DY Datasheet HTML 8Page - NXP Semiconductors SI9410DY Datasheet HTML 9Page - NXP Semiconductors SI9410DY Datasheet HTML 10Page - NXP Semiconductors SI9410DY Datasheet HTML 11Page - NXP Semiconductors SI9410DY Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Si9410DY
N-channel enhancement mode field-effect transistor
Product data
Rev. 02 — 05 July 2001
8 of 13
9397 750 08238
© Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °C and 150 °C; VGS =0V
ID = 7 A; VDD =15 V
Fig 13. Source (diode forward) current as a function of
source-drain (diode forward) voltage; typical
values.
Fig 14. Gate-source voltage as a function of gate
charge; typical values.
03ae51
0
10
20
30
0
0.3
0.6
0.9
1.2
VSD (V)
IS
(A)
Tj = 25 ºC
150 ºC
VGS = 0 V
03ae53
0
2
4
6
8
10
0
10203040
QG (nC)
VGS
(V)
ID = 7 A
Tj = 25 ºC
VDD = 15 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn