Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI9410DY Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. SI9410DY
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI9410DY Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SI9410DY Datasheet HTML 3Page - NXP Semiconductors SI9410DY Datasheet HTML 4Page - NXP Semiconductors SI9410DY Datasheet HTML 5Page - NXP Semiconductors SI9410DY Datasheet HTML 6Page - NXP Semiconductors SI9410DY Datasheet HTML 7Page - NXP Semiconductors SI9410DY Datasheet HTML 8Page - NXP Semiconductors SI9410DY Datasheet HTML 9Page - NXP Semiconductors SI9410DY Datasheet HTML 10Page - NXP Semiconductors SI9410DY Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Si9410DY
N-channel enhancement mode field-effect transistor
Product data
Rev. 02 — 05 July 2001
7 of 13
9397 750 08238
© Philips Electronics N.V. 2001. All rights reserved.
ID = 250 µA; VDS =VGS
Tj =25 °C; VDS =5V
Fig 9.
Gate-source threshold voltage as a function of
junction temperature.
Fig 10. Sub-threshold drain current as a function of
gate-source voltage.
Tj =25 °C and 150 °C; VDS > ID xRDSon
VGS = 0 V; f = 1 MHz
Fig 11. Forward transconductance as a function of
drain current; typical values.
Fig 12. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values.
03aa33
0
0.5
1
1.5
2
2.5
-60
0
60
120
180
Tj (
oC)
VGS(th)
(V)
max
typ
min
03aa36
10-6
10-5
10-4
10-3
10-2
10-1
0
0.5
1
1.5
2
2.5
3
VGS (V)
ID
(A)
max
typ
min
03ae50
0
5
10
15
20
010
20
30
ID (A)
gfs
(S)
Tj = 25 ºC
150 ºC
VDS > ID x RDSon
03ae52
102
103
104
10-1
1
10
102
VDS (V)
C
(pF)
Ciss
Coss
Crss


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn