Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB6020ZQE Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB6020ZQE
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020ZQE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB6020ZQE Datasheet HTML 3Page - Texas Instruments TUSB6020ZQE Datasheet HTML 4Page - Texas Instruments TUSB6020ZQE Datasheet HTML 5Page - Texas Instruments TUSB6020ZQE Datasheet HTML 6Page - Texas Instruments TUSB6020ZQE Datasheet HTML 7Page - Texas Instruments TUSB6020ZQE Datasheet HTML 8Page - Texas Instruments TUSB6020ZQE Datasheet HTML 9Page - Texas Instruments TUSB6020ZQE Datasheet HTML 10Page - Texas Instruments TUSB6020ZQE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.ti.com
APPLICATION INFORMATION
Power-Sequencing Guidelines
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170C – JANUARY 2007 – REVISED JULY 2007
During powerup, the USB 2.0 OTG PHY macro is not suspended, and the 60-MHz system clock is enabled and
free running.
• The reference clock input is selected between CLKIN and XI based on the sense-on-reset.
• The default system clock is a device reference clock input (CLKIN or XI, depending on sampling GPIO6
during power-up).
• The digital core and PHY reset are synchronized to the system clock.
The Mentor Graphics MUSBMHDRC USB 2.0 dual-role controller powers up as a type-B device (B-Device bit in
the DevCtl register is set), and the OTG session is not enabled (session bit in the DevCtl register is set to 0).
With the session not started, all of the MUSBMHDRC finite state machines are in the idle state.
The TUSB6020 controller is in the normal state.
After the reset ID is deasserted, the device asserts the DevReady interrupt to the external host.
The external host responds to the interrupt. It reads the interrupt status register and decides how to proceed
based on the device’s current status.
The external host enables IDpullup and the VBUS sense comparator. It reads the Device Status register to
confirm the USB cable connection.
• If no USB cable in attached, IDpullup should be high and V
BUS should be low.
• If the type-B USB connector is attached, IDpullup should be high. The V
BUS status depends on whether the
type-A device on the other side of the cable is charging VBUS.
• If the type-A USB connector is attached, IDpullup should be low and V
BUS should be low. The external host
decides when to charge VBUS.
The external host may decide to place the device into idle state if:
• No USB cable is attached.
• The type-B connector is attached but the type-A device did not charge V
BUS.
• The type-A connector is attached but the external host may decide to wait for an SRP request from the
type-B device.
The external host configures wake-up sources before setting the Idle bit. It does the following:
• Enables the IDpullup wake-up source
• Enables the V
BUS Sense wake-up source
• Enables the USB resume (LineState) wake-up source
• Enables the external host (NOR FLASH/VLYNQ) wake-up source
• Enables wake-up interrupts
The external host sets the Idle bit. The device starts the transition to the idle state. During transitions from the
normal to the idle state, the device ignores all wake-up events. The device can respond to wake-up events only
when in the idle state.
In the idle state, the device asserts the SLEEP output pin to the companion power-management device to place
it into low power/sleep mode if the PmIdle and DevIdle bits are set in the PRCM Power Management register. In
sleep state, the companion power-management device provides 100 A maximum per power rail (1.5 V and
3.3 V). The power-management device can be put into the sleep state only if the device is placed in the idle
state (DevIdle bit set).
If the application requires the companion power management device to remain in the normal state, the PmIdle
bit will not be set, while the DevIdle bit can be set to place the device into the idle state.
Figure 1 illustrates the power-up sequence.
7
Submit Documentation Feedback


Similar Part No. - TUSB6020ZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB6020ZQE TI-TUSB6020ZQE Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6020ZQER TI-TUSB6020ZQER Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
More results

Similar Description - TUSB6020ZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
[Old version datasheet]   USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6010B TI1-TUSB6010B Datasheet
544Kb / 7P
[Old version datasheet]   USB2.0 High Speed (HS) On-the-Go (OTG) Dual Role Controller
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Oxford Semiconductor
OXU121HP OXFORD-OXU121HP Datasheet
530Kb / 22P
   USB On-The-Go Full-Speed Host and High-Speed Peripheral Controller
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
logo
ATMEL Corporation
AT43USB380 ATMEL-AT43USB380 Datasheet
64Kb / 8P
   On-The-Go Upgrade of the AT43USB370 USB 2.0 Full-Speed Host/Function Processor
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
NXP Semiconductors
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com