Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2111 Datasheet(PDF) 15 Page - Texas Instruments

Part # TSC2111
Description  AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2111 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TSC2111 Datasheet HTML 11Page - Texas Instruments TSC2111 Datasheet HTML 12Page - Texas Instruments TSC2111 Datasheet HTML 13Page - Texas Instruments TSC2111 Datasheet HTML 14Page - Texas Instruments TSC2111 Datasheet HTML 15Page - Texas Instruments TSC2111 Datasheet HTML 16Page - Texas Instruments TSC2111 Datasheet HTML 17Page - Texas Instruments TSC2111 Datasheet HTML 18Page - Texas Instruments TSC2111 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 99 page
background image
TSC2111
SLAS495− JUNE 2006
www.ti.com
15
TYPICAL CHARACTERISTICS
−1.5
−1
−0.5
0
0.5
1
1.5
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
AVDD1/AVDD2 = 3.3 V,
TA = 255C,
IR = 2.5 V
Figure 5. SAR INL (TA = 255C, Internal Reference = 2.5 V, 12 bit, AVDD1/AVDD2 = 3.3 V)
−1
−0.5
0
0.5
1
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
AVDD1/AVDD2 = 3.3 V,
TA = 255C,
IR = 2.5 V
Figure 6. SAR DNL (TA = 255C, Internal Reference = 2.5 V, 12 bit, AVDD1/AVDD2 = 3.3 V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
10
20
30
40
50
60
70
80
Sampling Rate − Ksps
AVDD1/AVDD2 = 3.3 V,
TA = 255C
Figure 7. SAR ADC Power Consumption vs Speed (TA = 255C, External Reference, Host Controlled AUX
Conversion, AVDD1/AVDD2 = 3.3 V)


Similar Part No. - TSC2111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC211 STMICROELECTRONICS-TSC211 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
TSC2117 TI-TSC2117 Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZR TI-TSC2117IRGZR Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZT TI-TSC2117IRGZT Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
logo
STMicroelectronics
TSC211ICT STMICROELECTRONICS-TSC211ICT Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
More results

Similar Description - TSC2111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com