Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2111 Datasheet(PDF) 77 Page - Texas Instruments

Part # TSC2111
Description  AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2111 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TSC2111 Datasheet HTML 73Page - Texas Instruments TSC2111 Datasheet HTML 74Page - Texas Instruments TSC2111 Datasheet HTML 75Page - Texas Instruments TSC2111 Datasheet HTML 76Page - Texas Instruments TSC2111 Datasheet HTML 77Page - Texas Instruments TSC2111 Datasheet HTML 78Page - Texas Instruments TSC2111 Datasheet HTML 79Page - Texas Instruments TSC2111 Datasheet HTML 80Page - Texas Instruments TSC2111 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 99 page
background image
TSC2111
SLAS495− JUNE 2006
www.ti.com
77
REGISTER 26H: Mic AGC Control
BIT
NAME
RESET
VALUE
READ/
WRITE
FUNCTION
D15−D9
MMPGA
1111111
R/W
Max PGA Value Applicable for Headset/Aux or Handset AGC
0000000 => 0 dB
0000001 => 0.5 dB
0000010 => 1.0 dB
....
1110110 => 59.0 dB
............
1111111 => 59.5 dB
D8−D6
MDEBNS
000
R/W
Debounce Time for Transition from Normal Mode to Silence Mode (Input Level is Below Noise
Threshold Programmed by AGCNL). This is Valid for Headset/Aux or Handset AGC.
000 => 0 ms
001 => 0.5 ms
010 => 1.0 ms
011 => 2.0 ms
100 => 4.0 ms
101 => 8.0 ms
110 => 16.0 ms
111 => 32.0 ms
D5−D3
MDEBSN
000
R/W
De−bounce Time for Transition from Silence Mode to Normal Mode. This is Valid for Headset/Aux
or Handset AGC.
000 => 0 ms
001 => 0.5 ms
010 => 1.0 ms
011 => 2.0 ms
100 => 4.0 ms
101 => 8.0 ms
110 => 16.0 ms
111 => 32.0 ms
D2−D0
000
R
Reserved (Write only 000)
REGISTER 27H: Cell-Phone AGC Control
BIT
NAME
RESET
VALUE
READ/
WRITE
FUNCTION
D15−D9
CMPGA
1111111
R/W
Max. Cell‘−phone input PGA value applicable for Cell‘−phone AGC
0000000 => −34.5 dB
0000001 => −34 dB
0000010 => −33.5 dB
...
1000100 => −0.5 dB
1000101 => invalid
1000110 => invalid
...
1011100 => Invalid
1011101 => 12 dB
1011110 => 12 dB
1011111 => 12 dB
11xxxxx => 12 dB
D8−D6
CDEBNS
000
R
De−bounce Time for Transition from Normal Mode to Silence Mode (Input Level is
Below Noise Threshold Programmed by AGCNL). This is Valid for Cell−phone AGC.
000 => 0 ms
001 => 0.5 ms
010 => 1.0 ms
011 => 2.0 ms
100 => 4.0 ms
101 => 8.0 ms
110 => 16.0 ms
111 => 32.0 ms


Similar Part No. - TSC2111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC211 STMICROELECTRONICS-TSC211 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
TSC2117 TI-TSC2117 Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZR TI-TSC2117IRGZR Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
TSC2117IRGZT TI-TSC2117IRGZT Datasheet
2Mb / 192P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP, Stereo Class-D Speaker Amplifier, and Smart Four-Wire Touch-Screen Controller
logo
STMicroelectronics
TSC211ICT STMICROELECTRONICS-TSC211ICT Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
More results

Similar Description - TSC2111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com