Electronic Components Datasheet Search |
|
SCN2661BA1F28 Datasheet(PDF) 1 Page - NXP Semiconductors |
|
SCN2661BA1F28 Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 19 page Philips Semiconductors Product specification SCN2661/SCN68661 Enhanced programmable communications interface (EPCI) 1 1994 Apr 27 853-1070 12793 DESCRIPTION The Philips Semiconductors SCN2661 EPCI is a universal synchronous/asynchronous data communications controller chip that is an enhanced version of the SCN2651. It interfaces easily to all 8-bit and 16-bit microprocessors and may be used in a polled or interrupt driven system environment. The SCN2661 accepts programmed instructions from the microprocessor while supporting many serial data communications disciplines —synchronous and asynchronous — in the full- or half-duplex mode. Special support for BISYNC is provided. The EPCI serializes parallel data characters received from the microprocessor for transmission. Simultaneously, it can receive serial data and convert it into parallel data characters for input to the microcomputer. The SCN2661 contains a baud rate generator which can be programmed to either accept an external clock or to generate internal transmit or receive clocks. Sixteen different baud rates can be selected under program control when operating in the internal clock mode. Each version of the EPCI (A, B, C) has a different set of baud rates. FEATURES • Synchronous operation – 5- to 8-bit characters plus parity – Single or double SYN operation – Internal or external character synchronization – Transparent or non-transparent mode – Transparent mode DLE stuffing (Tx) and detection (Rx) – Automatic SYN or DLE-SYN insertion SYN, DLE and DLESYN stripping – Odd, even, or no parity – Local or remote maintenance loopback mode – Baud rate: DC to 1Mbps (1X clock) • Asynchronous operation – 5- to 8-bit characters plus parity – 1, 1-1/2 or 2 stop bits transmitted – Odd, even, or no parity – Parity, overrun and framing error detection – Line break detection and generation – False start bit detection – Automatic serial echo mode (echoplex) – Local or remote maintenance loopback mode – Baud rate: DC to 1Mbps (1X clock) DC to 62.5kbps (16X clock) DC to 15.625kbps (64X clock) OTHER FEATURES • Internal or external baud rate clock • 3 baud rate sets • 16 internal rates for each set • Double-buffered transmitter and receiver PIN CONFIGURATIONS D1 D0 VCC RxC/BKDET DTR RTS DSR RESET BRCLK TxD TxEMT/DSCHG CTS DCD TxRDY RxRDY R/W A0 CE A1 TxC/XSYNC D7 D6 D5 D4 GND RxD D3 D2 DIP PLCC INDEX CORNER TOP VIEW NOTE: Pin Functions the same as 28-pin DIP. 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 26 25 19 18 12 11 5 4 1 SD00077 • Dynamic character length switching • Full- or half-duplex operation • TTL compatible inputs and outputs • RxC and TxC pins are short-circuit protected • Single +5V power supply • No system clock required APPLICATIONS • Intelligent terminals • Network processors • Front-end processors • Remote data concentrators • Computer-to-computer links • Serial peripherals • BISYNC adaptors |
Similar Part No. - SCN2661BA1F28 |
|
Similar Description - SCN2661BA1F28 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |