Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK55 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SK55
Description  5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SK55 Datasheet(HTML) 2 Page - Won-Top Electronics

  SK55 Datasheet HTML 1Page - Won-Top Electronics SK55 Datasheet HTML 2Page - Won-Top Electronics SK55 Datasheet HTML 3Page - Won-Top Electronics SK55 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SK52 – S510
2 of 4
© 2006 Won-Top Electronics
0
1
2
3
4
5
10
40
60
80
100
120
140150
T , LEAD TEMPERATURE (º C)
Fig. 1 Forward Current Derating Curve
L
Single Pulse Half-Wave
60 Hz Resistive or Inductive Load
100
1000
2000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
40
80
120
160
200
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
0
10
20
40
0
0.5
1.0
1.5
2.0
2.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
SK55 - SK56
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ
SK58 - S510
SK52 - SK54


Similar Part No. - SK55

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
SK55 YIXIN-SK55 Datasheet
201Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SK55 PANJIT-SK55 Datasheet
73Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Micro Commercial Compon...
SK55 MCC-SK55 Datasheet
604Kb / 5P
   5 Amp Schottky Rectifier 20 to 100 Volts
logo
Microdiode Electronics ...
SK55 CHENDA-SK55 Datasheet
539Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SK55 YIXIN-SK55 Datasheet
129Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK55

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SS52F ZSELEC-SS52F Datasheet
129Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52BF ZSELEC-SS52BF Datasheet
129Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
50BQ020 ZSELEC-50BQ020 Datasheet
143Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR0545 ZSELEC-SR0545 Datasheet
224Kb / 3P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SB05T80L ZSELEC-SB05T80L Datasheet
327Kb / 3P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MB52 ZSELEC-MB52 Datasheet
96Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR52BF ZSELEC-SR52BF Datasheet
92Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52 ZSELEC-SS52 Datasheet
144Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK52 ZSELEC-SK52 Datasheet
113Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
B520CQ DIODES-B520CQ Datasheet
431Kb / 5P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
January 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com