Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3707-25DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3707-25DR
Description  PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3707-25DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3707-25DR Datasheet HTML 6Page - Texas Instruments TPS3707-25DR Datasheet HTML 7Page - Texas Instruments TPS3707-25DR Datasheet HTML 8Page - Texas Instruments TPS3707-25DR Datasheet HTML 9Page - Texas Instruments TPS3707-25DR Datasheet HTML 10Page - Texas Instruments TPS3707-25DR Datasheet HTML 11Page - Texas Instruments TPS3707-25DR Datasheet HTML 12Page - Texas Instruments TPS3707-25DR Datasheet HTML 13Page - Texas Instruments TPS3707-25DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TPS3705xx
TPS3707xx
PROCESSOR SUPERVISORY CIRCUITS WITH POWERFAIL
SLVS184C − NOVEMBER 1998 − REVISED DECEMBER 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
4
2
0
0
200
400
600
6
8
MINIMUM PULSE DURATION AT VDD
vs
VDD THRESHOLD OVERDRIVE
10
800
1000
PFI = 1.05 V
MR = Open
VDD − Threshold Overdrive − mV
Figure 6
2
1
0.5
0
0−1
−2
−3
−4
−5
−6
2.5
3
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
3.5
−7
−8
−9
−10
1.5
−40
°C
85
°C
IOH − High-Level Output Current − mA
VDD = 3.2 V
PFI = 1.05 V
MR = Open
Figure 7
3.5
2.5
1
0
0
−5
−10
−15
5
6
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
6.5
−20
−25
−30
5.5
4.5
4
3
2
1.5
0.5
−40
°C
85
°C
VDD = 6 V
PFI = 1.05 V
MR = Open
IOH − High-Level Output Current − mA
Figure 8
1.5
1
0.5
0
01
23
4
6
7
2
2.5
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
3
89
11
13
510
12
IOL − Low-Level Output Current − mA
−40
°C
85
°C
VDD = 2.67 V
PFI = 1.05 V
MR = Open


Similar Part No. - TPS3707-25DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3707-25DR TI-TPS3707-25DR Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-25DR TI1-TPS3707-25DR Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-25DR TI1-TPS3707-25DR Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3707-25DRG4 TI-TPS3707-25DRG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-25DRG4 TI1-TPS3707-25DRG4 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results

Similar Description - TPS3707-25DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com