Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK13 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # SK13
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SK13 Datasheet(HTML) 4 Page - Won-Top Electronics

  SK13 Datasheet HTML 1Page - Won-Top Electronics SK13 Datasheet HTML 2Page - Won-Top Electronics SK13 Datasheet HTML 3Page - Won-Top Electronics SK13 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SK12 – S110
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SK12-T3
SMB
3000/Tape & Reel
SK13-T3
SMB
3000/Tape & Reel
SK14-T3
SMB
3000/Tape & Reel
SK15-T3
SMB
3000/Tape & Reel
SK16-T3
SMB
3000/Tape & Reel
SK18-T3
SMB
3000/Tape & Reel
SK19-T3
SMB
3000/Tape & Reel
S110-T3
SMB
3000/Tape & Reel
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, SK12-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SK13

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK13 MOSPEC-SK13 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Monolithic Power System...
SK13 MPS-SK13 Datasheet
449Kb / 12P
   3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
5/28/2008 Rev. 1.9
logo
Exar Corporation
SK13 EXAR-SK13 Datasheet
737Kb / 12P
   2A 18V Synchronous PFM/PWM Step-Down Regulator
logo
DONGGUAN YOU FENG WEI E...
SK13 YFWDIODE-SK13 Datasheet
98Kb / 2P
   Schottky rectifier
logo
Monolithic Power System...
SK13 MPS-SK13 Datasheet
326Kb / 11P
   3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
More results

Similar Description - SK13

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RB162M-40 SUNMATE-RB162M-40 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS12F ZSELEC-SS12F Datasheet
87Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS12W ZSELEC-SS12W Datasheet
85Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK14 ZSELEC-SK14 Datasheet
132Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBRX0520 ZSELEC-MBRX0520 Datasheet
175Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
RB160M-60 SUNMATE-RB160M-60 Datasheet
1Mb / 3P
   1.0A Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
SS12 WTE-SS12_06 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
1N5817W SEMTECH_ELEC-1N5817W Datasheet
241Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
X10 ZSELEC-X10 Datasheet
158Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com