Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK52-T3 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SK52-T3
Description  5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SK52-T3 Datasheet(HTML) 3 Page - Won-Top Electronics

  SK52-T3 Datasheet HTML 1Page - Won-Top Electronics SK52-T3 Datasheet HTML 2Page - Won-Top Electronics SK52-T3 Datasheet HTML 3Page - Won-Top Electronics SK52-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SK52 – S510
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
330
3,000
340 x 337 x 45
6,000
370 x 370 x 420
48,000
19.0
inches(mm)
Product ID Label
Direction of Unreeling
16mm
4mm
1.6mm
Note: 1. Paper reel, white or gray color.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
TAPE & REEL
WT E
SK5x
0.060 MIN
(1.52 MIN)
0.121 MIN
(3.07 MIN)
0.185 MAX
(4.69 MAX)
330mm
16mm
8mm
Cathode
= Polarity Band
WTE
= Manufacturer’s Logo
SK5x
= Device Number Except S510
x
= 2, 3, 4, 5, 6, 8 or 9


Similar Part No. - SK52-T3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SK52-B FORMOSA-SK52-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Frontier Electronics.
SK52-LFR FRONTIER-SK52-LFR Datasheet
125Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SK52-SMA YFWDIODE-SK52-SMA Datasheet
845Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52-SMB YFWDIODE-SK52-SMB Datasheet
699Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52-SMC YFWDIODE-SK52-SMC Datasheet
94Kb / 2P
   Schottky rectifier
More results

Similar Description - SK52-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SS52F ZSELEC-SS52F Datasheet
129Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52BF ZSELEC-SS52BF Datasheet
129Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
50BQ020 ZSELEC-50BQ020 Datasheet
143Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR0545 ZSELEC-SR0545 Datasheet
224Kb / 3P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SB05T80L ZSELEC-SB05T80L Datasheet
327Kb / 3P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MB52 ZSELEC-MB52 Datasheet
96Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR52BF ZSELEC-SR52BF Datasheet
92Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52 ZSELEC-SS52 Datasheet
144Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK52 ZSELEC-SK52 Datasheet
113Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
B520CQ DIODES-B520CQ Datasheet
431Kb / 5P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
January 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com