Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK25-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SK25-T3
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SK25-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  SK25-T3 Datasheet HTML 1Page - Won-Top Electronics SK25-T3 Datasheet HTML 2Page - Won-Top Electronics SK25-T3 Datasheet HTML 3Page - Won-Top Electronics SK25-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SK22 – S210
2 of 4
© 2006 Won-Top Electronics
0.01
0.1
1.0
10
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typ. Forward Characteristics
F
SK22 - SK24
SK25 - SK26
T - 25ºC
j
I Pulse Width = 300 s
F
µ
15
30
45
60
0
1
10
100
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
NUMBER OF CYCLES AT 60 Hz
Single Half Sine-Wave
(JEDEC Method)
T = 150ºC
j
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1 MHz
j
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 100ºC
j
T = 75ºC
j
T = 25ºC
j
100
10
1.0
0.1
0.01
0.001
0
1.0
2.0
25
50
75
100
125
150
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
SK28 - S210


Similar Part No. - SK25-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK25-T3 WTE-SK25-T3 Datasheet
43Kb / 3P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK25-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
DS22W ZSELEC-DS22W Datasheet
138Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
20BQ020 ZSELEC-20BQ020 Datasheet
151Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK22 ZSELEC-SK22 Datasheet
122Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS220S ZSELEC-SS220S Datasheet
93Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22 ZSELEC-SS22 Datasheet
64Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22F ZSELEC-SS22F Datasheet
87Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DSK22 ZSELEC-DSK22 Datasheet
139Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SK23 ZSELEC-SK23 Datasheet
156Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS22BF ZSELEC-SS22BF Datasheet
87Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com