Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF23 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SF23
Description  2.0A SUPERFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF23 Datasheet(HTML) 1 Page - Won-Top Electronics

  SF23 Datasheet HTML 1Page - Won-Top Electronics SF23 Datasheet HTML 2Page - Won-Top Electronics SF23 Datasheet HTML 3Page - Won-Top Electronics SF23 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SF21 – SF27
1 of 4
© 2006 Won-Top Electronics
Pb
SF21 – SF27
2.0A SUPERFAST DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-15, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SF21
SF22
SF23
SF24
SF25
SF26
SF27
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
0.95
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
35
nS
Typical Junction Capacitance (Note 3)
Cj
60
30
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-15
Dim
Min
Max
A
25.4
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Similar Part No. - SF23

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF23 DIOTECH-SF23 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Mospec Semiconductor
SF23 MOSPEC-SF23 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
HY ELECTRONIC CORP.
SF23 HY-SF23 Datasheet
406Kb / 3P
   Super Fast Recovery Recitifiers
logo
Rugao Dachang Electroni...
SF23 DACHANG-SF23 Datasheet
120Kb / 2P
   Plastic Super Fast Recover Rectifier
logo
Leshan Radio Company
SF23 LRC-SF23 Datasheet
55Kb / 2P
   SUPER FAST DIODES
More results

Similar Description - SF23

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ES2AW ZSELEC-ES2AW Datasheet
107Kb / 2P
   2.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
SF21 ZSELEC-SF21 Datasheet
110Kb / 2P
   2.0A SUPERFAST RECTIFIER
ER201 ZSELEC-ER201 Datasheet
116Kb / 2P
   2.0A SUPERFAST RECTIFIER
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2AA WTE-ER2AA Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES2A ZSELEC-ES2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2A ZSELEC-ER2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2ABF ZSELEC-ES2ABF Datasheet
107Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2AF ZSELEC-ES2AF Datasheet
108Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
SMBYW02-50 ZSELEC-SMBYW02-50 Datasheet
110Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com