Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF52 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SF52
Description  5.0A SUPERFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF52 Datasheet(HTML) 2 Page - Won-Top Electronics

  SF52 Datasheet HTML 1Page - Won-Top Electronics SF52 Datasheet HTML 2Page - Won-Top Electronics SF52 Datasheet HTML 3Page - Won-Top Electronics SF52 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SF51 – SF57
2 of 4
© 2006 Won-Top Electronics

0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
10
100
1000
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
1
2
3
4
5
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
SF51 - SF54
SF51 - SF54
SF55 - SF56
SF57
SF55 - SF57


Similar Part No. - SF52

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SF52 SHUNYE-SF52 Datasheet
383Kb / 2P
   SUPER FAST RECTIFIER
logo
Mospec Semiconductor
SF52 MOSPEC-SF52 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Nantong Hornby Electron...
SF52 HORNBY-SF52 Datasheet
264Kb / 3P
   SUPERFAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
SF52 BILIN-SF52 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
logo
Diotech Company.
SF52 DIOTECH-SF52 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - SF52

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MURD510 ZSELEC-MURD510 Datasheet
184Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFD510 ZSELEC-SFD510 Datasheet
118Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURB510 ZSELEC-MURB510 Datasheet
229Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR510 ZSELEC-MUR510 Datasheet
203Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF50AG ZSELEC-SF50AG Datasheet
142Kb / 2P
   5.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF51G ZSELEC-SF51G Datasheet
127Kb / 2P
   5.0A SUPERFAST GLASS PASSVITED RECTIFIER
logo
Won-Top Electronics
BY550-50 WTE-BY550-50 Datasheet
47Kb / 4P
   5.0A STANDARD DIODE
HER501 WTE-HER501 Datasheet
59Kb / 4P
   5.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
HER501 ZSELEC-HER501 Datasheet
108Kb / 2P
   5.0A ULTRAFAST DIODE
logo
Won-Top Electronics
SR5100 WTE-SR5100_V01 Datasheet
43Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
September, 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com