Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF52-TB Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SF52-TB
Description  5.0A SUPERFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF52-TB Datasheet(HTML) 3 Page - Won-Top Electronics

  SF52-TB Datasheet HTML 1Page - Won-Top Electronics SF52-TB Datasheet HTML 2Page - Won-Top Electronics SF52-TB Datasheet HTML 3Page - Won-Top Electronics SF52-TB Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SF51 – SF57
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
1,200
370 x 370 x 420
6,000
10.0
TAPE & BOX
255 x 75 x 150
1,200
400 x 273 x 415
12,000
17.0
BULK
200 x 85 x 40
500
459 x 214 x 256
12,500
16.0
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
Cathode
= Polarity Band
SF5x
= Device Number
x
= 1, 2, 3, 4, 5, 6 or 7
WTE
= Manufacturer’s Logo
SF5x
WTE
0.8mm
MAX
10mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
200mm
85mm
40mm


Similar Part No. - SF52-TB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF52-TB WTE-SF52-TB Datasheet
47Kb / 3P
   5.0A SUPER-FAST RECTIFIER
More results

Similar Description - SF52-TB

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MURD510 ZSELEC-MURD510 Datasheet
184Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFD510 ZSELEC-SFD510 Datasheet
118Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURB510 ZSELEC-MURB510 Datasheet
229Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR510 ZSELEC-MUR510 Datasheet
203Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF50AG ZSELEC-SF50AG Datasheet
142Kb / 2P
   5.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF51G ZSELEC-SF51G Datasheet
127Kb / 2P
   5.0A SUPERFAST GLASS PASSVITED RECTIFIER
logo
Won-Top Electronics
BY550-50 WTE-BY550-50 Datasheet
47Kb / 4P
   5.0A STANDARD DIODE
HER501 WTE-HER501 Datasheet
59Kb / 4P
   5.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
HER501 ZSELEC-HER501 Datasheet
108Kb / 2P
   5.0A ULTRAFAST DIODE
logo
Won-Top Electronics
SR5100 WTE-SR5100_V01 Datasheet
43Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
September, 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com