Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF51 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # SF51
Description  5.0A SUPERFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SF51 Datasheet(HTML) 4 Page - Won-Top Electronics

  SF51_06 Datasheet HTML 1Page - Won-Top Electronics SF51_06 Datasheet HTML 2Page - Won-Top Electronics SF51_06 Datasheet HTML 3Page - Won-Top Electronics SF51_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SF51 – SF57
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SF51-T3
DO-201AD
1200/Tape & Reel
SF51-TB
DO-201AD
1200/Tape & Box
SF51
DO-201AD
500 Units/Box
SF52-T3
DO-201AD
1200/Tape & Reel
SF52-TB
DO-201AD
1200/Tape & Box
SF52
DO-201AD
500 Units/Box
SF53-T3
DO-201AD
1200/Tape & Reel
SF53-TB
DO-201AD
1200/Tape & Box
SF53
DO-201AD
500 Units/Box
SF54-T3
DO-201AD
1200/Tape & Reel
SF54-TB
DO-201AD
1200/Tape & Box
SF54
DO-201AD
500 Units/Box
SF55-T3
DO-201AD
1200/Tape & Reel
SF55-TB
DO-201AD
1200/Tape & Box
SF55
DO-201AD
500 Units/Box
SF56-T3
DO-201AD
1200/Tape & Reel
SF56-TB
DO-201AD
1200/Tape & Box
SF56
DO-201AD
500 Units/Box
SF57-T3
DO-201AD
1200/Tape & Reel
SF57-TB
DO-201AD
1200/Tape & Box
SF57
DO-201AD
500 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, SF51-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - SF51_06

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF51-B RECTRON-SF51-B Datasheet
425Kb / 5P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SF51-DO27 YFWDIODE-SF51-DO27 Datasheet
356Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Comchip Technology
SF51-G COMCHIP-SF51-G Datasheet
90Kb / 4P
   Super Fast Rectifiers
SF51-G COMCHIP-SF51-G Datasheet
90Kb / 4P
   Super Fast Rectifiers
logo
Jiangsu High diode Semi...
SF51-SF58 HDSEMI-SF51-SF58 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
More results

Similar Description - SF51_06

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MURD510 ZSELEC-MURD510 Datasheet
184Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SFD510 ZSELEC-SFD510 Datasheet
118Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MURB510 ZSELEC-MURB510 Datasheet
229Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
MUR510 ZSELEC-MUR510 Datasheet
203Kb / 2P
   5.0A GLASS PASSIVATED SUPERFAST RECTIFIER
SF50AG ZSELEC-SF50AG Datasheet
142Kb / 2P
   5.0A SUPERFAST GLASS PASSVITED RECTIFIER
SF51G ZSELEC-SF51G Datasheet
127Kb / 2P
   5.0A SUPERFAST GLASS PASSVITED RECTIFIER
logo
Won-Top Electronics
BY550-50 WTE-BY550-50 Datasheet
47Kb / 4P
   5.0A STANDARD DIODE
HER501 WTE-HER501 Datasheet
59Kb / 4P
   5.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
HER501 ZSELEC-HER501 Datasheet
108Kb / 2P
   5.0A ULTRAFAST DIODE
logo
Won-Top Electronics
SR5100 WTE-SR5100_V01 Datasheet
43Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
September, 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com