Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI2304DS Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. SI2304DS
Description  N-channel enhancement mode field-effect transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI2304DS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SI2304DS Datasheet HTML 2Page - NXP Semiconductors SI2304DS Datasheet HTML 3Page - NXP Semiconductors SI2304DS Datasheet HTML 4Page - NXP Semiconductors SI2304DS Datasheet HTML 5Page - NXP Semiconductors SI2304DS Datasheet HTML 6Page - NXP Semiconductors SI2304DS Datasheet HTML 7Page - NXP Semiconductors SI2304DS Datasheet HTML 8Page - NXP Semiconductors SI2304DS Datasheet HTML 9Page - NXP Semiconductors SI2304DS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
SI2304DS
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 17 August 2001
6 of 12
9397 750 08526
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °CTj =25 °C and 175 °C; VDS > ID × RDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain source on-state resistance
factor as a function of junction temperature.
2.5
VGS (V) =
3.0
4.0
5.0
8.0
3.5
10.0
ID
(A)
4
3
2
1
0
VDS (V)
0
0.5
1.0
1.5
003aaa122
VDS > ID x RDSon
Tj = 25
oC
= 150 oC
5
4
3
2
1
0
ID
(A)
01
2
3
4
5
VGS (V)
003aaa123
3.5
5.0
8.0
10.0
RDSon
(
Ω)
0.5
0.4
0.3
0.2
0.1
0
ID (A)
1
2
3
003aaa124
VGS (V) =
0
003aaa125
0
0.4
0.8
1.2
1.6
2.0
-60
-20
20
60
100
140
180
a
Tj (
oC)
a
R
DSon
R
DSon 25
°C
()
------------------------------
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn