Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB20150FCT Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB20150FCT
Description  20A HIGH VOLTAGE DULA SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB20150FCT Datasheet(HTML) 1 Page - Won-Top Electronics

  SB20150FCT Datasheet HTML 1Page - Won-Top Electronics SB20150FCT Datasheet HTML 2Page - Won-Top Electronics SB20150FCT Datasheet HTML 3Page - Won-Top Electronics SB20150FCT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB20150FCT
1 of 4
© 2006 Won-Top Electronics
Pb
SB20150FCT
20A HIGH VOLTAGE DULA SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
B
!
Guard Ring for Transient Protection
!
Low Forward Voltage Drop
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
3
                D
Mechanical Data
F
E
!
Case: ITO-220, Full Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
!
Mounting Position: Any
H
L
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 -
+
J
PIN 3 -
PIN 2
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB20150FCT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
150
V
RMS Reverse Voltage
VR(RMS)
105
V
Average Rectified Output Current
@TC = 95°C
IO
20
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
200
A
Forward Voltage
@IF = 10A
VFM
0.92
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
100
mA
Typical Junction Capacitance (Note 1)
Cj
1100
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
ITO-220
Dim
Min
Max
A
14.60
15.40
B
9.70
10.30
C
2.55
2.85
D
3.56
4.16
E
13.00
13.80
F
0.30
0.90
G
3.00 Ø
3.50 Ø
H
6.30
6.90
I
4.20
4.80
J
2.50
2.90
K
0.36
0.80
L
2.90
3.30
P
2.29
2.79
All Dimensions in mm


Similar Part No. - SB20150FCT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SB20150FCT PACELEADER-SB20150FCT Datasheet
266Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB20150FCT WTE-SB20150FCT Datasheet
52Kb / 4P
   20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB20150FCT GULFSEMI-SB20150FCT Datasheet
121Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
logo
Won-Top Electronics
SB20150FCT WTE-SB20150FCT_08 Datasheet
52Kb / 4P
   20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB20150FCT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2070CT DIODES-MBR2070CT Datasheet
64Kb / 2P
   20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
MBR2070CT DIODES-MBR2070CT_1 Datasheet
211Kb / 2P
   20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. 7 - 2
MBRB2070CT DIODES-MBRB2070CT Datasheet
58Kb / 2P
   20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30177 Rev. B-2
logo
Won-Top Electronics
SB20150CT WTE-SB20150CT Datasheet
48Kb / 4P
   20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB20150CT WTE-SB20150CT_08 Datasheet
52Kb / 4P
   20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB20150FCT WTE-SB20150FCT_08 Datasheet
52Kb / 4P
   20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
MBR20100CT TAK_CHEONG-MBR20100CT Datasheet
169Kb / 4P
   20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
TCMBR20100CT TAK_CHEONG-TCMBR20100CT Datasheet
107Kb / 2P
   20A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com