Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCN68562C4A52 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SCN68562C4A52
Description  Dual universal serial communications controller DUSCC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68562C4A52 Datasheet(HTML) 5 Page - NXP Semiconductors

  SCN68562C4A52 Datasheet HTML 1Page - NXP Semiconductors SCN68562C4A52 Datasheet HTML 2Page - NXP Semiconductors SCN68562C4A52 Datasheet HTML 3Page - NXP Semiconductors SCN68562C4A52 Datasheet HTML 4Page - NXP Semiconductors SCN68562C4A52 Datasheet HTML 5Page - NXP Semiconductors SCN68562C4A52 Datasheet HTML 6Page - NXP Semiconductors SCN68562C4A52 Datasheet HTML 7Page - NXP Semiconductors SCN68562C4A52 Datasheet HTML 8Page - NXP Semiconductors SCN68562C4A52 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Philips Semiconductors
Product specification
SCN68562
Dual universal serial communications controller (DUSCC)
1995 May 01
5
PIN DESCRIPTION
In this data sheet, signals are discussed using the terms ‘active’ and ‘inactive’ or ‘asserted’ and ‘negated’ independent of whether the signal is
active in the High (logic 1) or Low (logic 0) state. N at the end of a pin name signifies the signal associated with the pin is active-Low (see
individual pin description for the definition of the active level of each signal.) Pins which are provided for both channels are designated by A/B
after the name of the pin and the active-Low state indicator, N, if applicable. A similar method is used for registers provided for both channels:
these are designated by either an underline or by A/B after the name.
MNEMONIC
DIP
PIN NO.
TYPE
NAME AND FUNCTION
A1 – A6
4-2,
45-47
I
Address Lines: Active-High. Address inputs which specify which of the internal registers
is accessed for read/write operation.
D0 – D7
31-28,
21-18
I/O
Bidirectional Data Bus: Active High, 3-State. Bit 0 is the LSB and bit 7 is the MSB. All
data, command, and status transfers between the CPU and the DUSCC take place over
this bus. The data bus is enabled when CSN is Low, during interrupt acknowledge cycles
and single-address DMA acknowledge cycles.
R/WN
26
I
Read/Write: A High input indicates a read cycle and a Low input indicates a write cycle
when a cycle is initiated by assertion of the CSN input.
CSN
25
I
Chip Select: Active-Low input. When Low, data transfers between the CPU and the
DUSCC are enabled on D0 – D7 as controlled by the R/WN and A1 – A6 inputs. When
CSN is High, the DUSCC is isolated from the data bus (except during interrupt
acknowledge cycles and single-address DMA transfers) and D0 – D7 are placed in the
3-State condition.
DTACKN
22
O
Data Transfer Acknowledge: Active-Low, 3-State. DTACKN is asserted on a write cycle
to indicate that the data on the bus has been latched, and on a read cycle or interrupt
acknowledge cycle to indicate valid data is on the bus. The signal is negated when
completion of the cycle is indicated by negation of the CSN or IACKN input, and returns to
the inactive state (3-State) a short period after it is negated. In a single address DMA
mode, data is latched with the falling edge of DTCN. DTACKN is negated when
completion of the cycle is indicated by the assertion of DTCN or negation of DMA
acknowledge inputs (whichever occurs first), and returns to the inactive state (3-State) a
short period after it is negated. When negated, DTACKN becomes an open-drain output
and requires an external pull-up resistor.
IRQN
6
O
Interrupt Request: Active-Low, open-drain. This output is asserted upon occurrence of
any enabled interrupting condition. The CPU can read the general status register to
determine the interrupting condition(s), or can respond with an interrupt acknowledge cycle
to cause the DUSCC to output an interrupt vector on the data bus.
IACKN
1
I
Interrupt Acknowledge: Active-Low. When IACKN is asserted, the DUSCC responds by
placing the contents of the interrupt vector register (modified or unmodified by status) on
the data bus and asserting DTACKN. If no active interrupt is pending, DTACKN is not
asserted.
X1/CLK
43
I
Crystal or External Clock: When using the crystal oscillator, the crystal is connected
between pins X1 and X2. If a crystal is not used, and external clock is supplied at this
input. This clock is used to drive the internal bit rate generator, as an optional input to the
counter/timer or DPLL, and to provide other required clocking signals.
X2/IDCN
42
O
Crystal or Interrupt Daisy Chain: When a crystal is used as the timing source, the
crystal is connected between pins X1 and X2. This pin can be programmed to provide and
interrupt daisy chain active-Low output which propagates the IACKN signal to lower priority
devices, if no active interrupt is pending. This pin should be grounded when an external
clock is used on X1 and X2, is not used as an interrupt daisy chain output.
RESETN
7
I
Master Reset: Active-Low. A low on this pin resets the transmitters and receivers and
resets the registers shown in Table 1 of the CDUSCC Users’ Guide. Reset in
asynchronous, i.e., no clock is required.
RxDA, RxDB
37, 12
I
Channel A (B) Receiver Serial Data Input: The least significant bit is received first. If
external receiver clock is specified for the channel, the input is sampled on the rising edge
of the clock.
TxDA, TxDB
36, 13
O
Channel A (B) Transmitter Serial Data Output: The least significant bit is transmitted
first. This output is held in the marking (High) condition when the transmitter is disabled or
when the channel is operating in local loopback mode. If external transmitter clock is
specified for the channel, the data is shifted on the falling edge of the clock.
RTxCA, RTxCB
39, 10
I/O
Channel A (B) Receiver/Transmitter Clock: As an input, it can be programmed to
supply the receiver, transmitter, counter/timer, or DPLL clock. As an output, can supply the
counter/timer output, the transmitter shift clock (1X), or the receiver sampling clock (1X).
The maximum external receiver/transmitter clock frequency is 4MHz.


Similar Part No. - SCN68562C4A52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN68652 PHILIPS-SCN68652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN68652 PHILIPS-SCN68652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
SCN68652AC2A44 PHILIPS-SCN68652AC2A44 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN68652AC2A44 PHILIPS-SCN68652AC2A44 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
SCN68652AC2F40 PHILIPS-SCN68652AC2F40 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results

Similar Description - SCN68562C4A52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN26562 PHILIPS-SCN26562 Datasheet
101Kb / 17P
   Dual universal serial communications controller DUSCC
1995 May 1
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
   CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
   UNIVERSAL COMMUNICATIONS CONTROLLER
IA80C152 INNOVASIC-IA80C152_10 Datasheet
914Kb / 61P
   Universal Communications Controller
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com