Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCN68562 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SCN68562
Description  Dual universal serial communications controller DUSCC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68562 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SCN68562 Datasheet HTML 4Page - NXP Semiconductors SCN68562 Datasheet HTML 5Page - NXP Semiconductors SCN68562 Datasheet HTML 6Page - NXP Semiconductors SCN68562 Datasheet HTML 7Page - NXP Semiconductors SCN68562 Datasheet HTML 8Page - NXP Semiconductors SCN68562 Datasheet HTML 9Page - NXP Semiconductors SCN68562 Datasheet HTML 10Page - NXP Semiconductors SCN68562 Datasheet HTML 11Page - NXP Semiconductors SCN68562 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Philips Semiconductors
Product specification
SCN68562
Dual universal serial communications controller (DUSCC)
1995 May 01
8
AC ELECTRICAL CHARACTERISTICS1, 2, 3, 4 TA = -55 to +110°c, VCC = 5V + 10%
NO
FIGURE
PARAMETER
LIMITS
UNIT
NO.
FIGURE
PARAMETER
Min
Typ
Max
UNIT
1
3
RESETN pulse width
1.2
µS
2
4,6
A1 - A6 set-up time to CSN Low
10
nS
3
4,6
A1 - A6 hold time from CSN High
0
nS
4
4,6
RWN set-up time to CSN Low
0
nS
5
4,6
RWN hold time to CSN High
0
nS
6
4,6
CSN High pulse width4
160
nS
7
4,5
CSN or IACKN High from DTACKN Low
30
nS
7A
5
IACKN High to DTACKN High
200
nS
8
4,5
Data valid from CSN or IACKN Low
300
nS
9
4
Data bus floating from CSN High7
100
nS
10
6
Data hold time from DTACKN Low5
0
nS
11
4,6
DTACKN Low from read data ready
0
nS
12
4,6
DTACKN Low from CSN Low
560
nS
12A
6
CSN Low to write data valid
50
nS
13
4,6
DTACKN High from CSN High
150
nS
14
4,6
DTACKN high impedance from CSN High
185
nS
15
5
DTACKN Low from IACKN Low
550
nS
16
8
GPI input set-up time to CSN Low
20
nS
17
8
GPI input hold time from CSN Low
100
nS
18
8
GPO output valid from DTACKN Low
300
nS
19
9
IRQN High from:
Read RxFIFO (RxRDY interrupt)
450
nS
Write TxFIFO (TxRDY interrupt)8
450
nS
Write RSR (Rx condition interrupt)8
400
nS
Write TRSR (Rx/Tx interrupt)8
400
nS
Write ICTSR (port change and CT int.)8
400
nS
20
10
X1/CLK High or Low time
25
nS
X1/CLK frequency
2.0
14.7456
16
MHz
CTCLK High or Low time
100
nS
CTCLK frequency
0
4
MHz
RxC High or Low time
110
nS
RxC frequency (16X or 1X)9
0
4
MHz
TxC High or Low time
110
nS
TxC frequency (16X or 1X)
0
4
MHz
21
11
TxD output from TxC input Low (1X)
(16X)
240
435
nS
nS
22
11
TxD output from TxC output Low
50
nS
23
12
RxD data set-up time to RxC High
50
nS
24
12
RxD data hold time from RxC High
50
nS
25
13
IACKN Low to daisy chain Low
200
nS
26
15
Data valid from receive DMA ACKN
300
nS
27
14,15
DTCN width
100
nS
28
14,15
RDYN Low to DTCN Low
80
nS
29
15
Data bus float from DTCN Low7
200
nS
30
14,15
DMA ACKN Low to RDYN (DTACKN) Low
360
nS
31
14,15
RDYN High from DTCN Low
230
nS
32
14,15
RDYN High impedance from DTCN Low
250
nS
33
15
Receive DMA REQN High from DMA ACKN Low
325
nS
34
15
Receive DMA ACKN width
150
nS
35
14,15
Receive DMA ACKN Low to DONEN Low
250
nS
36
14
Data set-up to DTCN Low
50
nS
37
14
Data hold from DTCN Low6
50
nS
38
14
Transmit DMA REQN High from ACKN Low
340
nS
39
14
Transmit DMA ACKN width
150
nS
40
14
Transmit DMA ACKN Low to DONEN Low output
250
nS
40A
14
DTCN Low DONEN output High
260
nS
41
16
CSN Low to transmit DONEN Low output
300
nS


Similar Part No. - SCN68562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN68652 PHILIPS-SCN68652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN68652 PHILIPS-SCN68652 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
SCN68652AC2A44 PHILIPS-SCN68652AC2A44 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN68652AC2A44 PHILIPS-SCN68652AC2A44 Datasheet
651Kb / 28P
   Multi-protocol communications controller (MPCC)
1995 May 01
SCN68652AC2F40 PHILIPS-SCN68652AC2F40 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results

Similar Description - SCN68562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN26562 PHILIPS-SCN26562 Datasheet
101Kb / 17P
   Dual universal serial communications controller DUSCC
1995 May 1
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
   CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
   UNIVERSAL COMMUNICATIONS CONTROLLER
IA80C152 INNOVASIC-IA80C152_10 Datasheet
914Kb / 61P
   Universal Communications Controller
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com