Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MH64D72KLH-75 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. MH64D72KLH-75
Description  4,831,838,208-BIT (67,108,864-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MH64D72KLH-75 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH64D72KLH-75,-10
4,831,838,208-BIT (67,108,864-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0390-1.0
24.Nov.2000
Preliminary Spec.
Some contents are subject to change without notice.
4
PIN FUNCTION
CK0,/CK0
Input
Clock: CK0 and /CK0 are diff erential clock inputs. All address and control input
signals are sampled on the crossing of the positive edge of CK0 and negativ e
edge of /CK0. Output (read) data is ref erenced to the crossings of CK0 and
/CK0 (both directions of c rossing).
CKE0, CKE1
Input
Clock Enable: CKE0 controls SDRAM internal clock. When CKE0 is low, the
internal clock f or the f ollowing cyc le is ceased. CKE0 is also used to select
auto / self ref resh. After self ref resh mode is started, CKE0 becomes
asy nchronous input. Self ref resh is maintained as long as CKE0 is low.
/S0, /S1
Input
Phys ical Bank Select: When /S0,/S1 is high, any command means No Operation.
/RAS, /CAS, /WE
Input
Combination of /RAS, /CAS, /WE defines basic commands.
A0-12
Input
A0-12 specify the Row / Column Address in conjunction with BA0,1. The Row
Address is specif ied by A0-12. The Column Address is specif ied by A0-9.
A10 is also used to indicate precharge option. When A10 is high at a read / write
command, an auto precharge is perf ormed. When A10 is high at a precharge
command, all banks are precharged.
BA0,1
Input
DQ 0-64
CB 0-7
Input / Output
DQS0-8
Vdd, Vss
Power Supply
Power Supply for the memory array and peripheral circuitry.
VddQ, VssQ
Power Supply
VddQ and VssQ are supplied to the Output Buffers only.
Bank Address: BA0,1 specifies one of four banks in SDRAM to which a command is applied. BA0,1
must be set with ACT, PRE, READ, WRITE commands.
Data Input/Output: Data bus
Data Strobe: Output with read data, input with write data. Edge-aligned with read
data, centered in write data. Used to capture write data.
SYMBOL
TYPE
DESCRIPTION
Input
Vref
Input
SSTL_2 reference voltage.
Vddspd
Power Supply
Power Supply for SPD
RESET
Input
This signal is asy nchronous and is driv en low to the register in order to
guarantee the register outputs are low.
SDA
Input / Output
This bidirectional pin is used to transf er data into or out of the SPD EEPROM.
A resistor must be connected f rom the SDA bus line to VDD to act as a pullup.
SCL
Input
This signal is used to clock data into and out of t he SPD EEPROM. A resistor
may be connected f rom the SCL bus time to VDD to act as a pullup.
SA0-2
These signals are tied at the system planar to either VSS or VDD to conf igure
the serial SPD EEPROM address range.
Input
VDD identif ication f lag
VDDID
DM0-8
Input / Output
Masks write data when high, issued concurrently with input data. Both DM and DQ have a write
latency of one clock once the write command is registered into the SDRAM.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MH64D72KLG-754 831 838 208-BIT 67 108 864-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH64D64AKQH-754 294 967 296-BIT 67 108 864-WORD BY 64-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH16D72AKLB-101 207.959 552-BIT 16 777 216-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH28D72KLG-759 663 676 416-BIT 134 217 728-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH64S72AWJA-64 831 838 208-BIT 67 108 864-WORD BY 72-BIT Synchronous DYNAMIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32D72AKLA-102 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH64S72QJA-64 831 838 208-BIT 64 108 864-WORD BY 72-BIT Synchronous DYNAMIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32D72AKLB-752 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH64S72QJA-74 831 838 208-BIT 67 108 864-WORD BY 72-BIT Synchronous DYNAMIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MH32D72KLH-752 415 919 104-BIT 33 554 432-WORD BY 72-BIT Double Data Rate Synchronous DRAM Module 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn