Electronic Components Datasheet Search |
|
SCC2692AC1B44 Datasheet(PDF) 15 Page - NXP Semiconductors |
|
SCC2692AC1B44 Datasheet(HTML) 15 Page - NXP Semiconductors |
15 / 30 page Philips Semiconductors Product specification SCC2692 Dual asynchronous receiver/transmitter (DUART) 1998 Sep 04 15 MR1B – Channel B Mode Register 1 MR1B is accessed when the Channel B MR pointer points to MR1. The pointer is set to MR1 by RESET or by a ‘set pointer’ command applied via CRB. After reading or writing MR1B, the pointer will point to MR2B. The bit definitions for this register are identical to MR1A, except that all control actions apply to the Channel B receiver and transmitter and the corresponding inputs and outputs. MR2B – Channel B Mode Register 2 MR2B is accessed when the Channel B MR pointer points to MR2, which occurs after any access to MR1B. Accesses to MR2B do not change the pointer. The bit definitions for mode register are identical to the bit definitions for MR2A, except that all control actions apply to the Channel B receiver and transmitter and the corresponding inputs and outputs. CSRA – Channel A Clock Select Register CSRA[7:4] – Channel A Receiver Clock Select This field selects the baud rate clock for the Channel A transmitter. The field definition is shown in Table 3. CSRA[3:0] – Channel A Transmitter Clock Select This field selects the baud rate clock for the Channel A transmitter. The field definition is as shown in Table 3, except as follows: CSRA[3:0] ACR[7] = 0 ACR[7] = 1 1110 1111 IP3-16X IP3-1X IP3-16X IP3-1X The transmitter clock is always a 16X clock except for CSRA[3:0] = 1111. Table 3. Baud Rate CSRA[7:4] ACR[7] = 0 ACR[7] = 1 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 50 110 134.5 200 300 600 1,200 1,050 2,400 4,800 75 110 134.5 150 300 600 1,200 2,000 2,400 4,800 1010 1011 1100 1101 1110 1111 7,200 9,600 38.4K Timer IP4-16X IP4-1X 1,800 9,600 19.2K Timer IP4-16X IP4-1X NOTE: The receiver clock is always a 16X clock except for CSRA[7:4] = 1111. Also, see Table 6 for baud rates available in BRG Test. CSRB – Channel B Clock Select Register CSRB[7:4] – Channel B Receiver Clock Select This field selects the baud rate clock for the Channel B receiver. The field definition is as shown in Table 3, except as follows: CSRB[7:4] ACR[7] = 0 ACR[7] = 1 1110 1111 IP6-16X IP6-1X IP6-16X IP6-1X The receiver clock is always a 16X clock except for CSRB[7:4] = 1111. CSRB[3:0] – Channel B Transmitter Clock Select This field selects the baud rate clock for the Channel B transmitter. The field definition is as shown in Table 3, except as follows: CSRB[3:0] ACR[7] = 0 ACR[7] = 1 1110 1111 IP5-16X IP5-1X IP5-16X IP5-1X The transmitter clock is always a 16X clock except for CSRB[3:0] = 1111. CRA – Channel A Command Register CRA is a register used to supply commands to Channel A. Multiple commands can be specified in a single write to CRA as long as the commands are non-conflicting, e.g., the ‘enable transmitter’ and ‘reset transmitter’ commands cannot be specified in a single command word. CRA[7:4] – Miscellaneous Commands Sequential writes to CR(7:4) should be separated by three edges of the X1 clock. The encoded value of this field may be used to specify a single command as follows: 0000 No command. 0001 Reset MR pointer. Causes the Channel A MR pointer to point to MR1. 0010 Reset receiver. Resets the Channel A receiver as if a hard- ware reset had been applied. The receiver is disabled and the FIFO is flushed. 0011 Reset transmitter. Resets the Channel A transmitter as if a hardware reset had been applied. 0100 Reset error status. Clears the Channel A Received Break, Parity Error, and Overrun Error bits in the status register (SRA[7:4]). Used in character mode to clear OE status (al- though RB, PE and FE bits will also be cleared) and in block mode to clear all error status after a block of data has been received. 0101 Reset Channel A break change interrupt. Causes the Chan- nel A break detect change bit in the interrupt status register (ISR[2]) to be cleared to zero. 0110 Start break. Forces the TxDA output Low (spacing). If the transmitter is empty the start of the break condition will be delayed up to two bit times. If the transmitter is active the break begins when transmission of the character is com- pleted. If a character is in the THR, the start of the break will be delayed until that character, or any other loaded subse- quently are transmitted. The transmitter must be enabled for this command to be accepted. 0111 Stop break. The TxDA line will go High (marking) within two bit times. TxDA will remain High for one bit time before the next character, if any, is transmitted. 1000 Assert RTSN. Causes the RTSN output to be asserted (Low). 1001 Negate RTSN. Causes the RTSN output to be negated (High). 1010 Set Timeout Mode On. The receiver in this channel will restart the C/T as each receive character is transferred from the shift register to the RHR. The C/T is placed in the counter mode, the START/STOP counter commands are disabled, the counter is stopped, and the Counter Ready Bit, ISR[3], is reset. The counter will not start until the first character is re- ceived after the command is issued. 1011 Not used. 1100 Disable Timeout Mode. This command returns control of the C/T to the regular START/STOP counter commands. It does not stop the counter, or clear any pending interrupts. After disabling the timeout mode, a ‘Stop Counter’ command should be issued to reset the ISR(3) bit. 1101 Not used. |
Similar Part No. - SCC2692AC1B44 |
|
Similar Description - SCC2692AC1B44 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |