Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB580-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SB580-T3
Description  5.0A SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB580-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  SB580-T3 Datasheet HTML 1Page - Won-Top Electronics SB580-T3 Datasheet HTML 2Page - Won-Top Electronics SB580-T3 Datasheet HTML 3Page - Won-Top Electronics SB580-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB520 – SB5100
2 of 4
© 2006 Won-Top Electronics

0
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
30
60
90
120
150
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
100
1000
3000
0.1
1.0
10
100
T = 25 C
j
°
SB520 - SB540
SB550 - SB5100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 125 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
10
1.0
0.1
0.01
0.001
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
40
SB550 - SB560
SB520 - SB540
T - 25 C
j
°
I Pulse Width = 300 s
F
µ
0
025
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
1
2
4
5
3
Resistive or
Inductive Load
SB580 - SB5100


Similar Part No. - SB580-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB580-T DIODES-SB580-T Datasheet
55Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS30135 Rev. 5 - 2
More results

Similar Description - SB580-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR5100 WTE-SR5100_V01 Datasheet
43Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
September, 2012
logo
Zibo Seno Electronic En...
MBR520 ZSELEC-MBR520 Datasheet
136Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
SR520 ZSELEC-SR520 Datasheet
98Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SR520 WTE-SR520_06 Datasheet
63Kb / 4P
   5.0A SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
SB520 ZSELEC-SB520 Datasheet
125Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
MS502 ZSELEC-MS502 Datasheet
137Kb / 2P
   5.0A SCHOTTKY BARRIER DIODE
SS52F ZSELEC-SS52F Datasheet
129Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS52BF ZSELEC-SS52BF Datasheet
129Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
50BQ020 ZSELEC-50BQ020 Datasheet
143Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
SB520 SUNMATE-SB520 Datasheet
127Kb / 2P
   5.0A Axial Leaded Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com