Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB840D-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB840D-T3
Description  8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB840D-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  SB840D-T3 Datasheet HTML 1Page - Won-Top Electronics SB840D-T3 Datasheet HTML 2Page - Won-Top Electronics SB840D-T3 Datasheet HTML 3Page - Won-Top Electronics SB840D-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB820D – SB8100D
1 of 4
© 2006 Won-Top Electronics
Pb
SB820D – SB8100D
8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
C
!
Guard Ring Die Construction for
A
J
Transient Protection
!
Low Forward Voltage Drop
!
Low Power Loss, High Efficiency
B
!
High Surge Current Capability
D
E
!
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
G
Protection Applications
H
                          K
P
P
Mechanical Data
!
Case: D
2PAK/TO-263, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: See Diagram
PIN 1 +
+
!
Weight: 1.7 grams (approx.)
PIN 3 -
Case
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
820D
SB
830D
SB
840D
SB
845D
SB
850D
SB
860D
SB
880D
SB
8100D
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
45
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
32
35
42
56
70
V
Average Rectified Output Current @TC = 100°C
IO
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 8.0A
VFM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 1)
Cj
400
pF
Typical Thermal Resistance (Note 2)
RJC
3.0
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case mounted on heatsink.
WTE
POWER SEMICONDUCTORS
D2 PAK/TO-263
Dim
Min
Max
A
9.80
10.40
B
9.60
10.60
C
4.40
4.80
D
8.50
9.10
E
2.80
G
1.00
1.40
H
—0.90
J
1.20
1.40
K
0.30
0.70
P
2.35
2.75
All Dimensions in mm
PIN 1
3


Similar Part No. - SB840D-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB840D-T3 WTE-SB840D-T3 Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB840D-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SD820CS WTE-SD820CS Datasheet
44Kb / 3P
   8.0A KPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820S WTE-SD820S Datasheet
43Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820DC WTE-SB820DC Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820D WTE-SB820D Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB8150D WTE-SB8150D Datasheet
47Kb / 4P
   8.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB08T80L ZSELEC-SB08T80L Datasheet
327Kb / 3P
   8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS82 ZSELEC-SS82 Datasheet
123Kb / 2P
   8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB8150DC WTE-SB8150DC Datasheet
47Kb / 4P
   8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL830 DIODES-SBL830_1 Datasheet
75Kb / 3P
   8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com