Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB660FCT Datasheet(PDF) 1 Page - Won-Top Electronics

Part # SB660FCT
Description  6.0A DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB660FCT Datasheet(HTML) 1 Page - Won-Top Electronics

  SB660FCT Datasheet HTML 1Page - Won-Top Electronics SB660FCT Datasheet HTML 2Page - Won-Top Electronics SB660FCT Datasheet HTML 3Page - Won-Top Electronics SB660FCT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB620FCT – SB660FCT
1 of 4
© 2006 Won-Top Electronics
Pb
SB620FCT – SB660FCT
6.0A DUAL SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
B
!
Guard Ring for Transient Protection
!
Low Forward Voltage Drop
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
2
3
                D
Mechanical Data
F
E
!
Case: ITO-220, Full Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
!
Mounting Position: Any
H
L
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 -
+
J
PIN 3 -
PIN 2
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB620FCT SB630FCT SB640FCT SB650FCT SB660FCT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
@TC = 75°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
75
A
Forward Voltage
@IF = 3.0A
VFM
0.55
0.70
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.2
15
mA
Typical Junction Capacitance (Note 1)
Cj
400
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
ITO-220
Dim
Min
Max
A
14.60
15.40
B
9.70
10.30
C
2.55
2.85
D
3.56
4.16
E
13.00
13.80
F
0.30
0.90
G
3.00 Ø
3.50 Ø
H
6.30
6.90
I
4.20
4.80
J
2.50
2.90
K
0.36
0.80
L
2.90
3.30
P
2.29
2.79
All Dimensions in mm


Similar Part No. - SB660FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB660FCT PANJIT-SB660FCT Datasheet
92Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
SB660FCT PANJIT-SB660FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB660FCT PACELEADER-SB660FCT Datasheet
270Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB660FCT PANJIT-SB660FCT Datasheet
96Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB660FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB620CT WTE-SB620CT Datasheet
61Kb / 4P
   6.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB620F WTE-SB620F Datasheet
61Kb / 4P
   6.0A SCHOTTKY BARRIER RECTIFIER
SB620 WTE-SB620 Datasheet
62Kb / 4P
   6.0A SCHOTTKY BARRIER RECTIFIER
SD620CS WTE-SD620CS Datasheet
45Kb / 3P
   6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBLF1640CT VISHAY-SBLF1640CT Datasheet
44Kb / 3P
   Dual Schottky Barrier Rectifier
11-Feb-02
MBR1535CT VISHAY-MBR1535CT Datasheet
55Kb / 3P
   Dual Schottky Barrier Rectifier
01-Jul-02
MBR20HXX VISHAY-MBR20HXX Datasheet
85Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
MBR40H60PT VISHAY-MBR40H60PT Datasheet
34Kb / 3P
   Dual Schottky Barrier Rectifier
4-Feb-03
logo
Diodes Incorporated
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
   6.0A RECTIFIER
DS28008 Rev. G-3
logo
Won-Top Electronics
S16D30C WTE-S16D30C Datasheet
81Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com