Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE51C Datasheet(PDF) 6 Page - Won-Top Electronics

Part # P6KE51C
Description  600W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

P6KE51C Datasheet(HTML) 6 Page - Won-Top Electronics

  P6KE51C Datasheet HTML 1Page - Won-Top Electronics P6KE51C Datasheet HTML 2Page - Won-Top Electronics P6KE51C Datasheet HTML 3Page - Won-Top Electronics P6KE51C Datasheet HTML 4Page - Won-Top Electronics P6KE51C Datasheet HTML 5Page - Won-Top Electronics P6KE51C Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
P6KE SERIES
6 of 6
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
P6KExx-T3
DO-15
4000/Tape & Reel
P6KExx-TB
DO-15
3000/Tape & Box
P6KExx
DO-15
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version, add “-LF” suffix to part number above.
For example, P6KE6.8-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - P6KE51C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE51C PANJIT-P6KE51C Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
New Jersey Semi-Conduct...
P6KE51C NJSEMI-P6KE51C Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6KE51C YFWDIODE-P6KE51C Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Surge Components
P6KE51C SURGE-P6KE51C Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
SUNMATE electronic Co.,...
P6KE51C SUNMATE-P6KE51C Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - P6KE51C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com