Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29NS256P0SBJW003 Datasheet(PDF) 8 Page - SPANSION

Part # S29NS256P0SBJW003
Description  MirrorBit Flash Family
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS256P0SBJW003 Datasheet(HTML) 8 Page - SPANSION

Back Button S29NS256P0SBJW003 Datasheet HTML 4Page - SPANSION S29NS256P0SBJW003 Datasheet HTML 5Page - SPANSION S29NS256P0SBJW003 Datasheet HTML 6Page - SPANSION S29NS256P0SBJW003 Datasheet HTML 7Page - SPANSION S29NS256P0SBJW003 Datasheet HTML 8Page - SPANSION S29NS256P0SBJW003 Datasheet HTML 9Page - SPANSION S29NS256P0SBJW003 Datasheet HTML 10Page - SPANSION S29NS256P0SBJW003 Datasheet HTML 11Page - SPANSION S29NS256P0SBJW003 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
8
S29NS-P MirrorBitTM Flash Family
S29NS-P_00_A1 February 20, 2007
Data
Sheet
(Adv an ce
Inf o r m a t io n)
2.
Input/Output Descriptions & Logic Symbol
Table 2.1 identifies the input and output package connections provided on the device.
Table 2.1 Input/Output Descriptions
Symbol
Type
Description
A24 – A16
Input
Address inputs, S29NS512P
A23 – A16
Input
Address inputs, S29NS256P
A22 – A16
Input
Address inputs, S29NS128P
A/DQ15 – A/DQ0
I/O
Multiplexed Address/Data input/output
CE#
Input
Chip Enable. Asynchronous relative to CLK for the Burst mode.
OE#
Input
Output Enable. Asynchronous relative to CLK for the Burst mode
WE#
Input
Write Enable
VCC
Supply
Device Power Supply
VCCQ
Supply
Input/Output Power Supply (must be ramped simultaneously with VCC)
VSS
I/O
Ground
VSSQ
I/O
Input/Output Ground
NC
No Connect
No Connected internally
RDY
Output
Ready. Indicates when valid burst data is ready to be read
CLK
Input
The first rising edge of CLK in conjunction with AVD# low latches address input and activates burst
mode operation. After the initial word is output, subsequent rising edges of CLK increment the
internal address counter. CLK should remain low during asynchronous access
AVD#
Input
Address Valid input. Indicates to device that the valid address is present on the address inputs
(address bits A15 – A0 are multiplexed, address bits Amax – A16 are address only).
VIL = for asynchronous mode, indicates valid address; for burst mode, cause staring address to be
latched on rising edge of CLK.
VIH = device ignores address inputs
RESET#
Input
Hardware Reset. Low = device resets and returns to reading array data.
WP#
Input
Write Protect. At VIL, disables program and erase functions in the four top sectors. Should be at VIH
for all other conditions.
VPP
Input
Accelerated input.
At VHH, accelerates programming; automatically places device in unlock bypass mode.
At VIL,disables all program and erase functions.
Should be at VIH for all other conditions.
RFU
Reserved
Reserved for future use


Similar Part No. - S29NS256P0SBJW003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS256N SPANSION-S29NS256N Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS256N0PBJW000 SPANSION-S29NS256N0PBJW000 Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS256N0PBJW002 SPANSION-S29NS256N0PBJW002 Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS256N0PBJW003 SPANSION-S29NS256N0PBJW003 Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S29NS256N0SBJW000 SPANSION-S29NS256N0SBJW000 Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
More results

Similar Description - S29NS256P0SBJW003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL128P10TFI020 SPANSION-S29GL128P10TFI020 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
S29GL256P90TFCR20 SPANSION-S29GL256P90TFCR20 Datasheet
2Mb / 81P
   MirrorBit짰 Flash Family
logo
Silicon Laboratories
C8051F388 SILABS-C8051F388 Datasheet
4Mb / 285P
   Flash MCU Family
Rev. 1.2
C8051F388-B SILABS-C8051F388-B Datasheet
4Mb / 285P
   Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com