Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2A Datasheet(PDF) 4 Page - Won-Top Electronics

Part # S2A
Description  2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

S2A Datasheet(HTML) 4 Page - Won-Top Electronics

  S2A Datasheet HTML 1Page - Won-Top Electronics S2A Datasheet HTML 2Page - Won-Top Electronics S2A Datasheet HTML 3Page - Won-Top Electronics S2A Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S2A – S2M
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
S2A-T3
SMB
3000/Tape & Reel
S2B-T3
SMB
3000/Tape & Reel
S2D-T3
SMB
3000/Tape & Reel
S2G-T3
SMB
3000/Tape & Reel
S2J-T3
SMB
3000/Tape & Reel
S2K-T3
SMB
3000/Tape & Reel
S2M-T3
SMB
3000/Tape & Reel
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, S2A-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - S2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2A PANJIT-S2A Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
YENYO TECHNOLOGY Co., L...
S2A YENYO-S2A Datasheet
658Kb / 2P
   Surface Mount Standard Rectifier
logo
Daya Electric Group Co....
S2A DAYA-S2A Datasheet
46Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S2A VISHAY-S2A Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
02-Oct-12
logo
General Semiconductor
S2A GE-S2A Datasheet
74Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - S2A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
S2AA WTE-S2AA Datasheet
47Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
ER2AA WTE-ER2AA Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES2A ZSELEC-ES2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2A ZSELEC-ER2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
UF2A WTE-UF2A_06 Datasheet
56Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
ES2ABF ZSELEC-ES2ABF Datasheet
107Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2AF ZSELEC-ES2AF Datasheet
108Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
SMBYW02-50 ZSELEC-SMBYW02-50 Datasheet
110Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
RS2ABF ZSELEC-RS2ABF Datasheet
109Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com