Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2691AC1A28 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SCC2691AC1A28
Description  Universal asynchronous receiver/transmitter UART
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2691AC1A28 Datasheet(HTML) 4 Page - NXP Semiconductors

  SCC2691AC1A28 Datasheet HTML 1Page - NXP Semiconductors SCC2691AC1A28 Datasheet HTML 2Page - NXP Semiconductors SCC2691AC1A28 Datasheet HTML 3Page - NXP Semiconductors SCC2691AC1A28 Datasheet HTML 4Page - NXP Semiconductors SCC2691AC1A28 Datasheet HTML 5Page - NXP Semiconductors SCC2691AC1A28 Datasheet HTML 6Page - NXP Semiconductors SCC2691AC1A28 Datasheet HTML 7Page - NXP Semiconductors SCC2691AC1A28 Datasheet HTML 8Page - NXP Semiconductors SCC2691AC1A28 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Philips Semiconductors
Product specification
SCC2691
Universal asynchronous receiver/transmitter (UART)
1998 Sep 04
4
PIN DESCRIPTION
MNEMONIC
PIN NO.
TYPE
NAME AND FUNCTION
MNEMONIC
DIP
PLCC
TYPE
NAME AND FUNCTION
D0–D7
22–15
27, 25,
24,
22–18
I
Data Bus: Active-high 8-bit bidirectional 3-State data bus. Bit 0 is the LSB and bit 7 is the
MSB. All data, command, and status transfers between the CPU and the UART take place
over this bus. The direction of the transfer is controlled by the WRN and RDN inputs when
the CEN input is low. When the CEN input is high, the data bus is in the 3-State condition.
CEN
14
17
I
Chip Enable: Active-low input. When low, data transfers between the CPU and the UART
are enabled on D0–D7 as controlled by the WRN, RDN and A0–A2 inputs. When CEN is
high, the UART is effectively isolated from the data bus and D0–D7 are placed in the 3-State
condition.
WRN
23
28
I
Write Strobe: Active-low input. A low on this pin while CEN is low causes the contents of
the data bus to be transferred to the register selected by A0–A2. The transfer occurs on the
trailing (rising) edge of the signal.
RDN
1
2
I
Read Strobe: Active-low input. A low on this pin while CEN is low causes the contents of
the register selected by A0–A2 to be placed on the data bus. The read cycle begins on the
leading (falling) edge of RDN.
A0–A2
8–6
11–9
I
Address Inputs: Active-high address inputs to select the UART registers for read/write
operations.
RESET
11
14
I
Reset: Master reset. A high on this pin clears the status register (SR), the interrupt mask
register (IMR), and the interrupt status register (ISR), sets the mode register pointer to MR1,
and places the receiver and transmitter in the inactive state causing the TxD output to go to
the marking (high) state. Clears Test modes.
INTRN
13
16
O
Interrupt Request: This active-low output is asserted upon occurrence of one or more of
seven maskable interrupting conditions. The CPU can read the interrupt status register to
determine the interrupting condition(s). This open-drain output requires a pull-up resistor.
X1/CLK
9
12
I
Crystal 1: Crystal connection or an external clock input. A crystal of a clock the appropriate
frequency (nominally 3.6864 MHz) must be supplied at all times. For crystal connections see
Figure 7, Clock Timing.
X2
10
13
I
Crystal 2: Crystal connection. See Figure 7. If a crystal is not used it is best to keep this pin
not connected although it is permissible to ground it.
RxD
2
3
I
Receiver Serial Data Input: The least significant bit is received first. If external receiver
clock is specified, this input is sampled on the rising edge of the clock.
TxD
3
4
O
Transmitter Serial Data Output: The least significant bit is transmitted first. This output is
held in the marking (high) condition when the transmitter is idle or disabled and when the
UART is operating in local loopback mode. If external transmitter is specified, the data is
shifted on the falling edge of the transmitter clock.
MPO
4
5
O
Multi-Purpose Output: One of the following functions can be selected for this output pin by
programming the auxiliary control register:
RTSN – Request to send active-low output. This output is asserted and negated via the
command register. By appropriate programming of the mode registers, RTSN can be pro-
grammed to be automatically reset after the character in the transmitter is completely shifted
or when the receiver FIFO and shift register are full.
C/TO – The counter/timer output.
TxC1X – The 1X clock for the transmitter.
TxC16X – The 16X clock for the transmitter.
RxC1X – The 1X clock for the receiver.
RxC16X – The 16X clock for the receiver.
TxRDY – The transmitter holding register empty signal. Active-low output. (Open drain)
RxRDY/FFULL – The receiver FIFO not empty/full signal. Active-low output. (Open drain)
MPI
5
6
I
Multi-Purpose Input: This pin can serve as an input for one of the following functions:
GPI – General purpose input. The current state of the pin can be determined by reading the
ISR.
CTSN – Clear-to-send active-low input.
CTCLK – Counter/timer external clock input.
RTCLK – Receiver and/or transmitter external clock input. This may be a 1X or 16X clock as
programmed by CSR[3:0] or CSR[7:4].
Pin has an internal VCC pull-up device supplying 1 to 4 mA of current.
VCC
24
1
I
Power Supply: +5V supply input.
GND
12
15
I
Ground


Similar Part No. - SCC2691AC1A28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1A44 PHILIPS-SCC2692AC1A44 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1B44 PHILIPS-SCC2692AC1B44 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1N28 PHILIPS-SCC2692AC1N28 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692AC1N40 PHILIPS-SCC2692AC1N40 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results

Similar Description - SCC2691AC1A28

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com