Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB201 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # RB201
Description  2.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RB201 Datasheet(HTML) 2 Page - Won-Top Electronics

  RB201 Datasheet HTML 1Page - Won-Top Electronics RB201 Datasheet HTML 2Page - Won-Top Electronics RB201 Datasheet HTML 3Page - Won-Top Electronics RB201 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RB200 – RB2010
2 of 4
© 2006 Won-Top Electronics
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25°C
Pulse width = 300µs
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Pulse Width 8.3 ms
Single Half-Sine-Wave
(JEDEC Method)
60
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1mz
j
0.01
0.1
1.0
10
100
200
0
40
80
160
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
120
T = 100°C
j
T = 25°C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
A
2.0
Single phase half-sine-wave
60Hz resistive or inductive load


Similar Part No. - RB201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB201 WTE-RB201 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Leshan Radio Company
RB201 LRC-RB201 Datasheet
58Kb / 2P
   2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS
logo
Pan Jit International I...
RB201 PANJIT-RB201 Datasheet
72Kb / 2P
   2.0 A SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
RB2010 WTE-RB2010 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Pan Jit International I...
RB2010 PANJIT-RB2010 Datasheet
72Kb / 2P
   2.0 A SILICON BRIDGE RECTIFIERS
More results

Similar Description - RB201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF20 SANYO-DBF20 Datasheet
56Kb / 2P
   2.0A Single-Phase Bridge Rectifier
DBA20 SANYO-DBA20_09 Datasheet
41Kb / 2P
   2.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
2W005 WTE-2W005_06 Datasheet
52Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF20 SANYO-DBF20_00 Datasheet
24Kb / 3P
   2.0A Single-Phase Bridge Rectifier
DBF20T SANYO-DBF20T Datasheet
44Kb / 2P
   2.0A Single-Phase Bridge Rectifier
DBA20 SANYO-DBA20 Datasheet
42Kb / 2P
   2.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF20G ONSEMI-DBF20G Datasheet
683Kb / 2P
   2.0A Single-Phase Bridge Rectifier
June, 2014
logo
Won-Top Electronics
KBP200 WTE-KBP200_06 Datasheet
48Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com