Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC68C562C1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC68C562C1
Description  CMOS dual universal serial communications controller CDUSCC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C562C1 Datasheet(HTML) 3 Page - NXP Semiconductors

  SC68C562C1 Datasheet HTML 1Page - NXP Semiconductors SC68C562C1 Datasheet HTML 2Page - NXP Semiconductors SC68C562C1 Datasheet HTML 3Page - NXP Semiconductors SC68C562C1 Datasheet HTML 4Page - NXP Semiconductors SC68C562C1 Datasheet HTML 5Page - NXP Semiconductors SC68C562C1 Datasheet HTML 6Page - NXP Semiconductors SC68C562C1 Datasheet HTML 7Page - NXP Semiconductors SC68C562C1 Datasheet HTML 8Page - NXP Semiconductors SC68C562C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Philips Semiconductors
Product specification
SC68C562
CMOS Dual universal serial communications controller
(CDUSCC)
1998 Sep 04
3
1X or 16X Rx and Tx clock factors
Parity, overrun, and framing error detection
False start bit detection
Start bit search 1/2-bit time after framing error detection
Break generation with handshake for counting break characters
Detection of start and end of received break
Character compare with optional interrupt on match
Transmits up to 10Mb/s at 1X and receive up to 1Mb/s at 16X
data rates
Character-Oriented Protocol Features
Character length: 5 to 8 bits
Odd or even parity, no parity, or force parity
LRC or CRC generation and checking
Optional opening PAD transmission
One or two SYN characters
External sync capability
SYN detection and optional stripping
SYN or MARK line fill on underrun
Idle in MARK or SYNs
Parity, FCS, overrun, and underrun error detection
BISYNC Features
EBCDIC or ASCII header, text and control messages
SYN, DLE stripping
EOM (end of message) detection and transmission
Auto transparent mode switching
Auto hunt after receipt of EOM sequence (with closing PAD check
after EOT or NAK)
Control character sequence detection for both transparent and
normal text
Bit-Oriented Protocol Features
Character length: 5 to 8 bits
Detection and transmission of residual character: 0–7 bits
Automatic switch to programmed character length for I field
Zero insertion and deletion
Optional opening PAD transmission
Detection and generation of FLAG, ABORT, and IDLE bit patterns
Detection and generation of shared (single) FLAG between
frames
Detection of overlapping (shared zero) FLAGs
ABORT, ABORT-FLAGs, or FCS FLAGs line fill on underrun
Idle in MARK or FLAGs
Secondary address recognition including group and global
address
Single- or dual-octet secondary address
Extended address and control fields
Short frame rejection for receiver
Detection and notification of received end of message
CRC generation and checking
SDLC loop mode capability
ORDERING INFORMATION
DESCRIPTION
VCC = +5V ±10%,
TA = 0 to +70°C
VCC = +5V ±10%,
TA = –40 to +85°C
DWG #
DESCRIPTION
Serial Data Rate =
10Mbps Maximum
Serial Data Rate =
8Mbps Maximum
DWG #
48-Pin Plastic Dual In-Line Package (DIP)
SC68C562C1N
Not available
SOT240-1
52-Pin Plastic Leaded Chip Carrier (PLCC) Package
SC68C562C1A
SC68C562A8A
SOT238-3
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNIT
TA
Operating ambient temperature2
0 to +70
-40 to +85
°C
TSTG
Storage temperature
-65 to +150
-65 to +150
°C
VCC
Voltage from VCC to GND3
–0.5 to +7.0
–0.5 to +7.0
V
VS
Voltage from any pin to ground3
–0.5 to VCC +0.5
–0.5 to VCC +0.5
V


Similar Part No. - SC68C562C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC68C198 PHILIPS-SC68C198 Datasheet
358Kb / 49P
   Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C198A1A PHILIPS-SC68C198A1A Datasheet
358Kb / 49P
   Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C198C1A PHILIPS-SC68C198C1A Datasheet
358Kb / 49P
   Octal UART with TTL compatibility at 3.3V and 5V supply voltages
1995 May 1
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C2550BIB48 NXP-SC68C2550BIB48 Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
More results

Similar Description - SC68C562C1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
   CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
SCN26562 PHILIPS-SCN26562 Datasheet
101Kb / 17P
   Dual universal serial communications controller DUSCC
1995 May 1
SCN68562 PHILIPS-SCN68562 Datasheet
120Kb / 18P
   Dual universal serial communications controller DUSCC
1995 May 01
logo
Zilog, Inc.
Z85C3010VEG ZILOG-Z85C3010VEG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3010VSG ZILOG-Z85C3010VSG Datasheet
547Kb / 83P
   CMOS SCC Serial Communications Controller
Z85C3008PEG ZILOG-Z85C3008PEG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3008VSG ZILOG-Z85C3008VSG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z85C3008PSG ZILOG-Z85C3008PSG Datasheet
5Mb / 81P
   CMOS SCC Serial Communications Controller
Z80C30 ZILOG-Z80C30 Datasheet
873Kb / 96P
   CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com