Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHYB67130CM Datasheet(PDF) 1 Page - International Rectifier

Part # IRHYB67130CM
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHYB67130CM Datasheet(HTML) 1 Page - International Rectifier

  IRHYB67130CM Datasheet HTML 1Page - International Rectifier IRHYB67130CM Datasheet HTML 2Page - International Rectifier IRHYB67130CM Datasheet HTML 3Page - International Rectifier IRHYB67130CM Datasheet HTML 4Page - International Rectifier IRHYB67130CM Datasheet HTML 5Page - International Rectifier IRHYB67130CM Datasheet HTML 6Page - International Rectifier IRHYB67130CM Datasheet HTML 7Page - International Rectifier IRHYB67130CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
20*
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
19
IDM
Pulsed Drain Current
À
80
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
107
mJ
IAR
Avalanche Current
À
20
A
EAR
Repetitive Avalanche Energy
À
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. /1.6 mm from case for 10s)
Weight
3.7 (Typical)
g
oC
A
11/18/04
www.irf.com
1
TECHNOLOGY
Product Summary
Part Number
Radiation Level RDS(on)
ID
IRHYB67130CM 100K Rads (Si)
0.042
Ω 20A*
IRHYB63130CM 300K Rads (Si)
0.042
Ω 20A*
For footnotes refer to the last page
Pre-Irradiation
RADIATION HARDENED
IRHYB67130CM
POWER MOSFET
100V, N-CHANNEL
THRU-HOLE (Low-Ohmic TO-257AA)
Features:
n Low RDS(on)
n Fast Switching
n
Single Event Effect (SEE) Hardened
n Low Total Gate Charge
n
Simple Drive Requirements
n
Ease of Paralleling
n
Hermetically Sealed
n Ceramic Eyelets
n
Electrically Isolated
n Light Weight
International Rectifier’s R6TM technology provides
superior power MOSFETs for space applications.
These devices have improved immunity to Single
Event Effect (SEE) and have been characterized for
useful performance with Linear Energy Transfer
(LET) up to 90MeV/(mg/cm2). Their combination of
very low RDS(on) and faster switching times reduces
power loss and increases power density in today’s
high speed switching applications such as DC-DC
converters and motor controllers. These devices
retain all of the well established advantages of
MOSFETs such as voltage control, ease of paralleling
and temperature stability of electrical parameters.
Low-Ohmic
TO-257AATabless
* Current is limited by package
PD-95841A


Similar Part No. - IRHYB67130CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYB67130CM IRF-IRHYB67130CM Datasheet
190Kb / 9P
   Simple Drive Requirements
IRHYB67130CM IRF-IRHYB67130CM_15 Datasheet
190Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHYB67130CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYS67130CM IRF-IRHYS67130CM Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB597Z30CM IRF-IRHYB597Z30CM Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67134CM IRF-IRHYS67134CM Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS597034CM IRF-IRHYS597034CM Datasheet
200Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB67134CM IRF-IRHYB67134CM Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS597Z30CM IRF-IRHYS597Z30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67230CM IRF-IRHYS67230CM Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYS67234CM IRF-IRHYS67234CM Datasheet
192Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB67230CM IRF-IRHYB67230CM Datasheet
135Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHYB597034CM IRF-IRHYB597034CM Datasheet
191Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com